Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-4593 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-4593
Description  Plastic Optical Fiber Cable and Accessories for Versatile Link
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-4593 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-4593 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-4593 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-4593 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-4593 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-4593 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-4593 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-4593 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-4593 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-4593 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Step-by-Step Plastic Cable Connectoring Instructions
Thefollowingstep-by-stepguidedescribeshowtotermi-
nateplasticfiberopticcable.Itisidealforbothfieldand
factory installation. Connectors can be easily installed
oncableendswithwirestrippers,cuttersandacrimping
tool.
FinishingthecableisaccomplishedwiththeAvago
HFBR-4593PolishingKit,consistingofaPolishingFixture,
600gritabrasivepaperand3µmpinklappingfilm(3M
Company,OC3-14).Theconnectorcanbeusedimmedi-
atelyafterpolishing.
Materialsneededforplasticfiberterminationare:
1.Avago Plastic Optical Fiber Cable (Example: HFBR-
RUS500, HFBR-RUD500, HFBR-EUS500, or HFBR-
EUD500)
2.IndustrialRazorBladeorWireCutters
3.16 Gauge Latching Wire Strippers (Example: Ideal
StripmasterTMtype45-092).
4.HFBR-4597CrimpingTool
5.HFBR-4593PolishingKit
6.Oneofthefollowingconnectors:
a) HFBR-4501/4503 Gray Simplex/Simplex Latching
ConnectorandHFBR-4525SimplexCrimpRing
b) HFBR-4511/4513 Blue Simplex/Simplex Latching
ConnectorandHFBR-4525SimplexCrimpRing
c)HFBR-4506Parchment(off-white)DuplexConnector
andHFBR-4526DuplexCrimpRing
d) HFBR-4516 Gray Latching Duplex Connector and
HFBR-4526DuplexCrimpRing
Step 1
Thezipcordstructureoftheduplexcablepermitseasy
separationofthechannels.Thechannelsshouldbesepa-
ratedaminimumof100mm(4in)toamaximumof150
mm (6 in) back from the ends to permit connectoring
andpolishing.
After cutting the cable to the desired length, strip off
approximately7mm(0.3in.)oftheouterjacketwiththe
16gaugewirestrippers.Excesswebbingontheduplex
cablemayhavetobetrimmedtoallowthesimplexor
simplexlatchingconnectortoslideoverthecable.
Whenusingtheduplexconnectorandduplexcable,the
separatedduplexcablemustbestrippedtoequallengths
oneachcable.Thisallowseasyandproperseatingofthe
cableintotheduplexconnector.
Step 2
Placethecrimpringandconnectorovertheendofthe
cable;thefibershouldprotrudeabout3mm(0.12in.)
throughtheendoftheconnector.Carefullypositionthe
ringsothatitisentirelyontheconnectorwiththerimof
thecrimpringflushwiththeconnector,leavingasmall
spacebetweenthecrimpringandtheflange.Thencrimp
theringinplacewiththecrimpingtool.Onecrimptoolis
usedforallPOFconnectorcrimpingrequirements.
For applications with extreme temperature operation
or frequent temperature cycling, improved connector
tocableattachmentcanbeachievedwiththeuseofan
RTV(GECompany,RTV-128orDowCorning3145-RTV)
adhesive.TheRTVisplacedintotheconnectorpriorto
insertionofthefiberandthefiberiscrimpednormally.
TheconnectorcanbepolishedaftertheRTVhascured
andisthenreadyforuse.
Note: By convention, place the gray connector on the trans­
mittercableendandtheblueconnectoronthereceivercable
end to maintain color coding (different color connectors are
mechanically identical).
Simplex connector crimp rings cannot be used with duplex
connectors and duplex connector crimp rings cannot be
used with simplex connectors because of size differences.
The simplex crimp has a dull luster appearance; the duplex
ring is glossy and has a thinner wall.


Similar Part No. - HFBR-4593

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-4593 HP-HFBR-4593 Datasheet
267Kb / 11P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-4593 HP-HFBR-4593 Datasheet
272Kb / 11P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-4593 AVAGO-HFBR-4593 Datasheet
267Kb / 10P
   Plastic Optical Fiber Cable and Accessories for Versatile Link Telecommunications switching systems
HFBR-4593Z AVAGO-HFBR-4593Z Datasheet
160Kb / 11P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
More results

Similar Description - HFBR-4593

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-45XX HP-HFBR-45XX Datasheet
267Kb / 11P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-RUD500 AVAGO-HFBR-RUD500 Datasheet
267Kb / 10P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-EUS100Z AVAGO-HFBR-EUS100Z Datasheet
233Kb / 10P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
logo
Agilent(Hewlett-Packard...
HFBR-RXXYYY HP-HFBR-RXXYYY Datasheet
272Kb / 11P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-RUS100Z AVAGO-HFBR-RUS100Z Datasheet
137Kb / 11P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-4521Z AVAGO-HFBR-4521Z Datasheet
229Kb / 10P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
HFBR-RXXYYYZ AVAGO-HFBR-RXXYYYZ Datasheet
160Kb / 11P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
AV02-1848EN AVAGO-AV02-1848EN Datasheet
267Kb / 10P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
logo
Broadcom Corporation.
HFBR-RXXYYYZ BOARDCOM-HFBR-RXXYYYZ Datasheet
332Kb / 11P
   Plastic Optical Fiber Cable and Accessories for Versatile Link
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-RXXYYY AVAGO-HFBR-RXXYYY Datasheet
267Kb / 10P
   Plastic Optical Fiber Cable and Accessories for Versatile Link Telecommunications switching systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com