Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-3519 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-3519
Description  T-1 3/4 (5mm) High Intensity LED Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-3519 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-3519 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-3519 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-3519 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-3519 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-3519 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-3519 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-3519 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-3519 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-3519 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
High Efficiency Red HLMP-331X Series
Figure 3. Relative luminous intensity vs. DC
forward current.
Figure 2. Forward current vs. forward voltage
characteristics.
Figure 4. Relative efficiency (luminous intensity
per unit current) vs. peak LED current.
Figure 5. Maximum tolerable peak current vs.
pulse duration (IDC MAX as per MAX ratings).
Figure 6. Relative luminous intensity vs. angular displacement.


Similar Part No. - HLMP-3519

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-3519 HP-HLMP-3519 Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
HLMP-3519-F00XX HP-HLMP-3519-F00XX Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
HLMP-3519-IJ0XX HP-HLMP-3519-IJ0XX Datasheet
203Kb / 10P
   T-13/4 (5 mm) High Intensity LED Lamps
More results

Similar Description - HLMP-3519

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
333-2UBC ROITHNER-333-2UBC Datasheet
217Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383URC-3 ROITHNER-383URC-3_1 Datasheet
251Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383-2UBC ROITHNER-383-2UBC Datasheet
218Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383-2UBGC ROITHNER-383-2UBGC Datasheet
214Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1321 AVAGO-HLMP-1321 Datasheet
242Kb / 9P
   T-1 (3 mm) High Intensity LED Lamps
logo
Everlight Electronics C...
DLE-038-159 EVERLIGHT-DLE-038-159 Datasheet
98Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
logo
Roithner LaserTechnik G...
383URC-1 ROITHNER-383URC-1 Datasheet
77Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383URC-2 ROITHNER-383URC-2 Datasheet
218Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
logo
Agilent(Hewlett-Packard...
HLMP-132X HP-HLMP-132X Datasheet
205Kb / 8P
   T-1 (3 mm) High Intensity LED Lamps
logo
Kingbright Corporation
L-493 KINGBRIGHT-L-493 Datasheet
143Kb / 5P
   T-1 3/4 (5MM) CYLINDRICAL LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com