Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-K600 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-K600
Description  T-1 3mm Diffused LED Lamps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-K600 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-K600 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-K600 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-K600 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-K600 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-K600 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-K600 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-K600 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-K600 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-K600 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Electrical Characteristics at TA = 25 °C
Symbol
Description
Device HLMP-
Min.
Typ.
Max.
Units
Test Conditions
1/2
Included Angle Between Half
Luminous Intensity Points
All
60
Deg.
IF = 10 mA
See Note 1
lPEAK
Peak Wavelength
High Efficiency Red
635
nm
Measurement at Peak
Orange
600
Yellow
583
Green
565
Emerald Green
558
ld
Dominant Wavelength
High Efficiency Red
626
nm
See Note 2
Orange
602
Yellow
585
Green
569
Emerald Green
560
Dl1/2
Spectral Line Halfwidth
High Efficiency Red
40
nm
Yellow
36
Green
28
Emerald Green
24
ts
Speed of Response
High Efficiency Red
90
ns
Orange
280
Yellow
90
Green
500
Emerald Green
3100
C
Capacitance
High Efficiency Red
11
pF
VF = 0;
Orange
4
f = 1 MHz
Yellow
15
Green
18
Emerald Green
35
J-PIN
Thermal Resistance
All
290
°C/W
Junction to Cathode
Lead
VF
Forward Voltage
HER/Orange
1.5
1.9
2.4
V
IF = 10 mA
Yellow
1.5
2.0
2.4
Green
1.5
2.1
2.7
Emerald Green
2.1
2.7
VR
Reverse Breakdown Voltage
All
5.0
V
IR = 100 μA
hV
Luminous Efficacy
High Efficiency Red
145
lumens See Note 3
Orange
380
watt
Yellow
500
Green
595
Emerald Green
655
Notes:
1. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
2. The dominant wavelength, ld, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the
device.
3. Radiant intensity, le, in watts/steradian, may be found from the equation Ie= Iv/hv, where Iv is the luminous intensity in candelas and hv is the
luminous efficacy in lumens/watt.


Similar Part No. - HLMP-K600

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-K600 QT-HLMP-K600 Datasheet
244Kb / 3P
   T-1 (3mm) SOLID STATE LAMPS
logo
Fairchild Semiconductor
HLMP-K600 FAIRCHILD-HLMP-K600 Datasheet
112Kb / 4P
   T-100 3 mm SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-K600 HP-HLMP-K600 Datasheet
179Kb / 6P
   T-1 (3 mm) Diffused LED Lamps
HLMP-K600 HP-HLMP-K600 Datasheet
208Kb / 12P
   T-1 (3 mm) Diffused LED Lamps
logo
Broadcom Corporation.
HLMP-K600 BOARDCOM-HLMP-K600 Datasheet
1Mb / 12P
   T-1 (3-mm) Diffused LED Lamps
More results

Similar Description - HLMP-K600

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-NS31 AVAGO-HLMP-NS31 Datasheet
219Kb / 6P
   T-1 (3mm) InGaN LED Lamps
logo
Kingbright Corporation
L-424 KINGBRIGHT-L-424 Datasheet
186Kb / 6P
   T-1(3mm) CYLINDRICAL LED LAMPS
L-483 KINGBRIGHT-L-483 Datasheet
793Kb / 5P
   T-1 (3mm) CYLINDRICAL LED LAMPS
L-1334 KINGBRIGHT-L-1334 Datasheet
220Kb / 7P
   T-1 (3mm) CYLINDRICAL LED LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMPY601 AVAGO-HLMPY601 Datasheet
70Kb / 3P
   T-1 (3mm) AlInGaP LED Lamps
logo
Chicago Miniature Lamp,...
CMD50640 CML-CMD50640 Datasheet
70Kb / 1P
   T-100 (T-1) Diffused Lens LED Lamps
logo
Kingbright Corporation
L934LID KINGBRIGHT-L934LID Datasheet
149Kb / 5P
   T-1(3MM) SUPER BRIGHT LED LAMPS
L-934L KINGBRIGHT-L-934L Datasheet
143Kb / 5P
   T-1 (3mm) LOW CURRENT LED LAMPS
L934SGC KINGBRIGHT-L934SGC Datasheet
109Kb / 4P
   T-1(3MM) SUPER BRIGHT LED LAMPS
logo
Lite-On Technology Corp...
LTL-4201 LITEON-LTL-4201 Datasheet
625Kb / 6P
   T-1 (3mm) Solid State LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com