Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCNR200-300E Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCNR200-300E
Description  High-Linearity Analog Optocouplers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCNR200-300E Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCNR200-300E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCNR200-300E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCNR200-300E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCNR200-300E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCNR200-300E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCNR200-300E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCNR200-300E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCNR200-300E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCNR200-300E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
Electrical Specifications
T
A
= 25°C unless otherwise specified.
Parameter
Symbol
Device
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Transfer Gain
K
3
HCNR200
0.85
1.00
1.15
5 nA < I
PD
< 50 μA,
2,3
1
0 V < V
PD
< 15 V
HCNR201
0.95
1.00
1.05
5 nA < I
PD
< 50 μA,
1
0 V < V
PD
< 15 V
HCNR201
0.93
1.00
1.07
-40°C < T
A
< 85°C,
1
5 nA < I
PD
< 50 μA,
0 V < V
PD
< 15 V
Temperature
ΔK
3
/ΔT
A
-65
ppm/°C
-40°C < T
A
< 85°C,
2,3
Coefficient of
5 nA < I
PD
< 50 μA,
Transfer Gain
0 V < V
PD
< 15 V
DC NonLinearity
NL
BF
HCNR200
0.01
0.25
%
5 nA < I
PD
< 50 μA,
4,5,
2
(Best Fit)
0 V < V
PD
< 15 V
6
HCNR201
0.01
0.05
5 nA < I
PD
< 50 μA,
2
0 V < V
PD
< 15 V
HCNR201
0.01
0.07
-40°C < T
A
< 85°C,
2
5 nA < I
PD
< 50 μA,
0 V < V
PD
< 15 V
DC Nonlinearity
NL
EF
0.016
5 nA < I
PD
< 50 μA,
3
(Ends Fit)
%
0 V < V
PD
< 15 V
Input Photo-
K
1
HCNR200
0.25
0.50
0.75
%
I
F
= 10 mA,
7
diode Current
0 V < V
PD1
< 15 V
Transfer Ratio
HCNR201
0.36
0.48
0.72
(I
PD1
/I
F
)
Temperature
ΔK
1
/ΔT
A
-0.3
%/°C
-40°C < T
A
< 85°C,
7
Coefficient
I
F
= 10 mA
of K
1
0 V < V
PD1
< 15 V
Photodiode
I
LK
0.5
25
nA
I
F
= 0 mA,
8
Leakage Current
0 V < V
PD
< 15 V
Photodiode
BV
RPD
30
150
V
I
R
= 100 μA
Reverse Break-
down Voltage
Photodiode
C
PD
22
pF
V
PD
= 0 V
Capacitance
LED Forward
V
F
1.3
1.6
1.85
V
I
F
= 10 mA
9,
Voltage
10
1.2
1.6
1.95
I
F
= 10 mA,
-40°C < T
A
< 85°C
LED Reverse
BV
R
2.5
9
V
I
F
= 100 μA
Breakdown
Voltage
Temperature
ΔV
F
/ΔT
A
-1.7
mV/°C
I
F
= 10 mA
Coefficient of
Forward Voltage
LED Junction
C
LED
80
pF
f = 1 MHz,
Capacitance
V
F
= 0 V


Similar Part No. - HCNR200-300E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCNR200-300 AVAGO-HCNR200-300 Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
More results

Similar Description - HCNR200-300E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCNR201-000E AVAGO-HCNR201-000E Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR200-300 AVAGO-HCNR200-300 Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201-500E AVAGO-HCNR201-500E Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201-300E AVAGO-HCNR201-300E Datasheet
237Kb / 19P
   High-Linearity Analog Optocouplers
HCNR200-500E AVAGO-HCNR200-500E Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201-300 AVAGO-HCNR201-300 Datasheet
396Kb / 19P
   High-Linearity Analog Optocouplers
logo
Agilent(Hewlett-Packard...
HCNR200 HP-HCNR200 Datasheet
241Kb / 16P
   High-Linearity Analog Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNR200 AVAGO-HCNR200 Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers Allows fl exible circuit design
logo
Agilent(Hewlett-Packard...
HCPL-4562 HP-HCPL-4562 Datasheet
266Kb / 17P
   High Bandwidth, Analog/Video Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4562-300E AVAGO-HCPL-4562-300E Datasheet
358Kb / 17P
   High Bandwidth, Analog/Video Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com