Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCNR200-350E Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCNR200-350E
Description  High-Linearity Analog Optocouplers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCNR200-350E Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCNR200-350E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCNR200-350E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCNR200-350E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCNR200-350E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCNR200-350E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCNR200-350E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCNR200-350E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCNR200-350E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCNR200-350E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
AC Electrical Specifications
T
A
= 25°C unless otherwise specified.
Test
Parameter
Symbol
Device
Min.
Typ.
Max.
Units
Conditions
Fig.
Note
LED Bandwidth
f -3dB
9
MHz
I
F
= 10 mA
Application Circuit Bandwidth:
High Speed
1.5
MHz
16
6
High Precision
10
kHz
17
6
Application Circuit: IMRR
High Speed
95
dB
freq = 60 Hz
16
6, 7
Notes:
1. K
3
is calculated from the slope of the best fit line of I
PD2
vs. I
PD1
with eleven equally distributed data points from 5 nA to 50 μA. This is approxi-
mately equal to I
PD2
/I
PD1
at I
F
= 10 mA.
2. BEST FIT DC NONLINEARITY (NL
BF
) is the maximum deviation expressed as a percentage of the full scale output of a “best fit” straight line from
a graph of I
PD2
vs. I
PD1
with eleven equally distributed data points from 5 nA to 50 μA. I
PD2
error to best fit line is the deviation below and above
the best fit line, expressed as a percentage of the full scale output.
3. ENDS FIT DC NONLINEARITY (NL
EF
) is the maximum deviation expressed as a percentage of full scale output of a straight line from the 5 nA to
the 50 μA data point on the graph of I
PD2
vs. I
PD1
.
4. Device considered a two-terminal device: Pins 1, 2, 3, and 4 shorted together and pins 5, 6, 7, and 8 shorted together.
5. In accordance with UL 1577, each optocoupler is proof tested by applying an insulation test voltage of ≥6000 V rms for ≥1 second (leakage
detection current limit, I
I-O
of 5 μA max.). This test is performed before the 100% production test for partial discharge (method b) shown in the
IEC/EN/DIN EN 60747-5-2 Insulation Characteris-tics Table (for Option #050 only).
6. Specific performance will depend on circuit topology and components.
7. IMRR is defined as the ratio of the signal gain (with signal applied to V
IN
of Figure 16) to the isolation mode gain (with V
IN
connected to input
common and the signal applied between the input and output commons) at 60 Hz, expressed in dB.
Package Characteristics
T
A
= 25°C unless otherwise specified.
Test
Parameter
Symbol
Device
Min.
Typ.
Max.
Units
Conditions
Fig.
Note
Input-Output
V
ISO
5000
V rms
RH ≤50%,
4, 5
Momentary-Withstand
t = 1 min.
Voltage*
Resistance
R
I-O
1012
1013
Ω
V
O
= 500 VDC
4
(Input-Output)
1011
T
A
= 100°C,
4
V
IO
= 500 VDC
Capacitance
C
I-O
0.4
0.6
pF
f = 1 MHz
4
(Input-Output)
*The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output continuous
voltage rating. For the continuous voltage rating refer to the VDE 0884 Insulation Characteristics Table (if applicable), your equipment level safety
specification, or Application Note 1074, “Optocoupler Input-Output Endurance Voltage.”


Similar Part No. - HCNR200-350E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCNR200-300 AVAGO-HCNR200-300 Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
More results

Similar Description - HCNR200-350E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCNR201-000E AVAGO-HCNR201-000E Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR200-300 AVAGO-HCNR200-300 Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201-500E AVAGO-HCNR201-500E Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201-300E AVAGO-HCNR201-300E Datasheet
237Kb / 19P
   High-Linearity Analog Optocouplers
HCNR200-500E AVAGO-HCNR200-500E Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers
HCNR201-300 AVAGO-HCNR201-300 Datasheet
396Kb / 19P
   High-Linearity Analog Optocouplers
logo
Agilent(Hewlett-Packard...
HCNR200 HP-HCNR200 Datasheet
241Kb / 16P
   High-Linearity Analog Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNR200 AVAGO-HCNR200 Datasheet
238Kb / 19P
   High-Linearity Analog Optocouplers Allows fl exible circuit design
logo
Agilent(Hewlett-Packard...
HCPL-4562 HP-HCPL-4562 Datasheet
266Kb / 17P
   High Bandwidth, Analog/Video Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4562-300E AVAGO-HCPL-4562-300E Datasheet
358Kb / 17P
   High Bandwidth, Analog/Video Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com