Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-2855 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-2855
Description  LED Light Bars
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-2855 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-2855 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-2855 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-2855 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-2855 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-2855 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-2855 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-2855 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-2855 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-2855 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Description
The HLCP-X100 and HLMP-2XXX series light bars
are rectangular light sources designed for a variety of
applications where a large bright source of light is
required. These light bars are configured in single-
in-line and dual-in-line packages that contain either
single or segmented light emitting areas. The AlGaAs
Red HLCP-X100 series LEDs use double hetero-
junction AlGaAs on a GaAs substrate. The HER
HLMP-2300/2600 and Yellow HLMP-2400/2700 series
LEDs have their p-n junctions diffused into a GaAsP
epitaxial layer on a GaP substrate. The Green HLMP-
2500/2800 series LEDs use a liquid phase GaP
epitaxial layer on a GaP substrate. The bicolor HLMP-
2900 series use a combination of HER/Yellow or HER/
Green LEDs.
HLCP-A100/-B100/-C100/D100/-E100/-F100/-G100/-H100
HLMP-2300/-2350/-2400/-2450/-2500/-2550
HLMP-2600/-2620/-2635/-2655/-2670/-2685
HLMP-2700/-2720/-2735/-2755/-2770/-2785
HLMP-2800/-2820/-2835/-2855/-2870/-2885
HLMP-2950/-2965
Features
• Large bright, uniform light emitting areas
• Choice of colors
• Categorized for light output
• Yellow and Green categorized for dominant
wavelength
• Excellent ON-OFF contrast
• X-Y stackable
• Flush mountable
• Can be used with panel and legend mounts
• Light emitting surface suitable for legend attachment
per Application Note 1012
• HLCP-X100 Series designed for low current operation
• Bicolor devices available
Applications
• Business machine message annunciators
• Telecommunications indicators
• Front panel process status indicators
• PC board identifiers
• Bar graphs
HLCP-A100
LED Light Bars
Data Sheet


Similar Part No. - HLMP-2855

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-2855 QT-HLMP-2855 Datasheet
564Kb / 5P
   LED LIGHT BARS
logo
Agilent(Hewlett-Packard...
HLMP-2855 HP-HLMP-2855 Datasheet
199Kb / 16P
   LED Light Bars
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-2855 AVAGO-HLMP-2855 Datasheet
338Kb / 16P
   LED Light Bars
HLMP-2855 AVAGO-HLMP-2855 Datasheet
997Kb / 5P
   LED LIGHT BARS
logo
Everlight Electronics C...
HLMP-2855 EVERLIGHT-HLMP-2855 Datasheet
997Kb / 5P
   These LED Light Bar series are bright, large emitting area,rectangular devices that are designed for backlighting legend/message annunciators
More results

Similar Description - HLMP-2855

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-2300 QT-HLMP-2300 Datasheet
564Kb / 5P
   LED LIGHT BARS
logo
AVAGO TECHNOLOGIES LIMI...
HLCP-A100 AVAGO-HLCP-A100 Datasheet
338Kb / 16P
   LED Light Bars
HLMP2300 AVAGO-HLMP2300 Datasheet
997Kb / 5P
   LED LIGHT BARS
logo
Everlight Electronics C...
HLMP2550 EVERLIGHT-HLMP2550 Datasheet
997Kb / 5P
   LED LIGHT BARS
logo
Agilent(Hewlett-Packard...
HLCP-A100 HP-HLCP-A100 Datasheet
199Kb / 16P
   LED Light Bars
logo
Fairchild Semiconductor
HLMP-2B85 FAIRCHILD-HLMP-2B85 Datasheet
216Kb / 6P
   LED LIGHT BARS
logo
Kingbright Corporation
KB2835 KINGBRIGHT-KB2835 Datasheet
424Kb / 6P
   LED LIGHT BARS
logo
Fairchild Semiconductor
HLMP2755 FAIRCHILD-HLMP2755 Datasheet
770Kb / 6P
   LED LIGHT BARS
logo
Siemens Semiconductor G...
OLB2600 SIEMENS-OLB2600 Datasheet
44Kb / 1P
   LIGHT BARS
OLB2685 SIEMENS-OLB2685 Datasheet
210Kb / 5P
   LIGHT BARS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com