Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8963 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK8963
Description  3-axis Electronic Compass
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8963 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK8963 Datasheet HTML 4Page - Asahi Kasei Microsystems AK8963 Datasheet HTML 5Page - Asahi Kasei Microsystems AK8963 Datasheet HTML 6Page - Asahi Kasei Microsystems AK8963 Datasheet HTML 7Page - Asahi Kasei Microsystems AK8963 Datasheet HTML 8Page - Asahi Kasei Microsystems AK8963 Datasheet HTML 9Page - Asahi Kasei Microsystems AK8963 Datasheet HTML 10Page - Asahi Kasei Microsystems AK8963 Datasheet HTML 11Page - Asahi Kasei Microsystems AK8963 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
[AK8963]
ShortDatasheet-E-01
- 8 -
2012/02
Parameter
Symbol
Pin
Condition
Min.
Typ.
Max.
Unit
Reset input effective pulse
width (“L”)
tRSTL
RSTN
5
ms
VIL
tRSTL
5.3.3.
Analog Circuit Characteristics
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Measurement data output bit
DBIT
BIT = “0”
14
bit
BIT = “1”
16
Time for measurement
TSM
Single measurement mode
7.2
9
ms
Magnetic sensor sensitivity
BSE
Tc=25
°C (Note 10)
0.57
0.6
0.63
mT/LSB
BIT = “0”
BIT = “1”
0.1425
0.15
0.1575
Magnetic sensor measurement
range (Note 11)
BRG
Tc=25°C (Note 10)
±4912
mT
Magnetic sensor initial offset
(Note 12)
Tc=25°C
BIT = “0”
-500
500
LSB
(Note 10) Value after sensitivity is adjusted using sensitivity fine adjustment data stored in Fuse ROM.
(Note 11) Reference value for design
(Note 12) Value of measurement data register on shipment without applying magnetic field on purpose.


Similar Part No. - AK8963

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8963C AKM-AK8963C Datasheet
655Kb / 38P
   3-axis Electronic Compass
AK8963C AKM-AK8963C Datasheet
655Kb / 38P
   3-axis Electronic Compass
AK8963N AKM-AK8963N Datasheet
655Kb / 38P
   3-axis Electronic Compass
More results

Similar Description - AK8963

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AK09911 HUAXINAN-AK09911 Datasheet
451Kb / 18P
   3-axis Electronic Compass
logo
Asahi Kasei Microsystem...
AK09916 AKM-AK09916 Datasheet
794Kb / 29P
   3-axis Electronic Compass
AK09916C AKM-AK09916C Datasheet
794Kb / 29P
   3-axis Electronic Compass
AK8975 AKM-AK8975 Datasheet
634Kb / 34P
   3-axis Electronic Compass
logo
HuaXinAn Electronics CO...
AK09912 HUAXINAN-AK09912 Datasheet
643Kb / 20P
   3-axis Electronic Compass
logo
Asahi Kasei Microsystem...
AK09918C AKM-AK09918C Datasheet
819Kb / 30P
   3-axis Electronic Compass
AK09918 AKM-AK09918 Datasheet
819Kb / 30P
   3-axis Electronic Compass
AK8963N AKM-AK8963N Datasheet
655Kb / 38P
   3-axis Electronic Compass
AK8973 AKM-AK8973 Datasheet
328Kb / 31P
   3-axis Electronic Compass
AK09912 AKM-AK09912 Datasheet
1Mb / 42P
   3-axis Electronic Compass
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com