Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICLB57237S237 Datasheet(PDF) 5 Page - EPCOS

Part # ICLB57237S237
Description  NTC thermistors for inrush current limiting
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

ICLB57237S237 Datasheet(HTML) 5 Page - EPCOS

  ICLB57237S237 Datasheet HTML 1Page - EPCOS ICLB57237S237 Datasheet HTML 2Page - EPCOS ICLB57237S237 Datasheet HTML 3Page - EPCOS ICLB57237S237 Datasheet HTML 4Page - EPCOS ICLB57237S237 Datasheet HTML 5Page - EPCOS ICLB57237S237 Datasheet HTML 6Page - EPCOS ICLB57237S237 Datasheet HTML 7Page - EPCOS ICLB57237S237 Datasheet HTML 8Page - EPCOS ICLB57237S237 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Dimensions (mm)
Lead
spacing
5 mm
Tolerance of
lead spacing
5 mm
Lead
spacing
7.5 mm
Tolerance of
lead spacing
7.5 mm
Remarks
w
≤12.0
max.
≥12.0
max.
please refer to dimensional
drawings
th
6.0
max.
7
max.
please refer to dimensional
drawings
d
0.5/0.6
±0.05
0.8/1.0
±0.05
please refer to dimensional
drawings
P0
12.7
±0.3
12.7
±0.3
±1 mm / 20 sprocket holes
P1
3.85
±0.7
8.95
±0.8
F
5.0
+0.6/ 0.1
7.5
±0.8
∆h
0
±2.0
0
Depends on th measured at top
of component body
∆p
0
±1.3
0
±2.0
W
18.0
±0.5
18.0
±0.5
W0
5.5
min.
11.0
min.
peel-off force
≥5 N
W1
9.0
+0.75/ 0.5
9.0
+0.75/ 0.5
W2
3.0
max.
3.0
max.
H
18.0
+2.0/ 0
18.0
+2.0/ 0
H0
16.0
±0.5
16.0
±0.5
H1
32.2
max.
45.0
max.
D0
4.0
±0.2
4.0
±0.2
t
0.9
max.
0.9
max.
without wires
L
11.0
max.
11.0
max.
L1
4.0
max.
4.0
max.
Inrush current limiters
B57237S0***M0**
ICLs
S237
Page 5 of 14
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - ICLB57237S237

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
ICL HONEYWELL-ICL Datasheet
736Kb / 11P
   Temperature Sensors Line Guide
logo
Sensata Technologies, I...
ICL SENSATA-ICL Datasheet
522Kb / 9P
   DIN Rail-Mount Hydraulic Magnetic Circuit Protectors
logo
Adam Technologies, Inc.
ICL-1005-22NJ-TR ADAM-TECH-ICL-1005-22NJ-TR Datasheet
56Kb / 1P
   INTERGRATED CHIP INDUCTOR
logo
Mean Well Enterprises C...
ICL-16L MEANWELL-ICL-16L Datasheet
221Kb / 4P
   16A AC Inrush Current Limiter
ICL-16R MEANWELL-ICL-16R Datasheet
221Kb / 4P
   16A AC Inrush Current Limiter
More results

Similar Description - ICLB57237S237

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57364S0109M000 EPCOS-B57364S0109M000_09 Datasheet
342Kb / 15P
   NTC thermistors for inrush current limiting
B57153S0479M000 EPCOS-B57153S0479M000_08 Datasheet
344Kb / 15P
   NTC thermistors for inrush current limiting
B57235S100M EPCOS-B57235S100M Datasheet
416Kb / 18P
   NTC thermistors for inrush current limiting
B57153S479M EPCOS-B57153S479M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57464S0109M000 EPCOS-B57464S0109M000_09 Datasheet
341Kb / 15P
   NTC thermistors for inrush current limiting
B57364S100M EPCOS-B57364S100M Datasheet
422Kb / 19P
   NTC thermistors for inrush current limiting
B57237S229M EPCOS-B57237S229M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57237S479M EPCOS-B57237S479M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57153S330M EPCOS-B57153S330M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
91930 EPCOS-91930 Datasheet
195Kb / 6P
   NTC thermistors for inrush current limiting
B57153S100M EPCOS-B57153S100M Datasheet
417Kb / 18P
   NTC thermistors for inrush current limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com