Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2152 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AP2152
Description  3CH High Power WLED Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2152 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AP2152 Datasheet HTML 3Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 4Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 5Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 6Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 7Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 8Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 9Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 10Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
[AP2152]
MS1348-E-00
7
2012/05
*1.
Normally, when 4.25V is applied to VIN for shorter than 100μs, while the PWM pin is kept at a low
level, the IC will be in the standby mode.
However, if 4.25V is applied to VIN for longer than 300μs, the current consumption of the IC is about
900μA. In order to get the IC into standby mode, after inputting a H level to the PWM pin for more than
36μs , a L level needs to be maintained for more than 50ms.
Figure 3. Power Supply Rising Time and Standby mode
Interface (AC Timing)
Value
Parameter
Symbol
MIN
TYP
MAX
Unit
Condition
PWM
15
30
μs
Before Startup
PWM Minimum High
Time 1
TPWM_MIN1
15
36
μs
Before Startup
PWM Minimum High
Time 2
TPWM_MIN2
5
7
μs
After Startup
Shutdown Time
TSD
20
30
50
ms
PWM Dimming Frequency
Range
FPWM
0.1
20
kHz
FPWM≤FOSC / 65
SYNC
SYNC Input Frequency
Range
FSYNC
0.21
2.5
MHz
SYNC Input Duty
DSYNC
20
80
%
Serial Timing
SCLK Cycle
tSCKP
10
μs
SCLK Pulse Width
tSCKW
5
μs
SDATA Delay
tSDTW
3
μs
SCLK
SDATA
tSCKP
tSCKW
tSCKW
tSDTW
Figure 4. Serial Interface Wave Form
PWM
Standby mode
VIN
36µs or longer
4.2V
0
0
50ms or longer
approx 900µA
IDD
approx 5mA
approx 5µA
300µs or longer


Similar Part No. - AP2152

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2152 DIODES-AP2152 Datasheet
2Mb / 17P
   0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2152A DIODES-AP2152A Datasheet
778Kb / 17P
   0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32191 Rev. 2 - 2
AP2152AFGEG-7 DIODES-AP2152AFGEG-7 Datasheet
778Kb / 17P
   0.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
DS32191 Rev. 2 - 2
More results

Similar Description - AP2152

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5217GP SANYO-LV5217GP_10 Datasheet
133Kb / 12P
   3ch LED Driver
logo
ON Semiconductor
LV5213LP ONSEMI-LV5213LP Datasheet
178Kb / 10P
   3ch LED Driver
August, 2013
logo
Rohm
BA7660FS ROHM-BA7660FS_1 Datasheet
171Kb / 6P
   3ch 75ohm driver
logo
Sanyo Semicon Device
LV5213LP SANYO-LV5213LP Datasheet
191Kb / 10P
   3ch LED Driver
logo
Texas Instruments
TPS61169 TI1-TPS61169 Datasheet
1Mb / 24P
[Old version datasheet]   High Current-Boost WLED Driver
logo
Rohm
BD6878GUW ROHM-BD6878GUW Datasheet
220Kb / 6P
   3ch Stepping Motor Driver
logo
Unisonic Technologies
ULN2001LC UTC-ULN2001LC Datasheet
221Kb / 6P
   3CH DARLINGTON SINK DRIVER
ULN2001 UTC-ULN2001 Datasheet
219Kb / 6P
   3CH DARLINGTON SINK DRIVER
logo
Power IC Ltd.
PIC8518 PICSEMI-PIC8518 Datasheet
127Kb / 2P
   High Efficiency, Fixed Frequency WLED Driver
PS1518 PICSEMI-PS1518 Datasheet
631Kb / 12P
   High Efficiency, Fixed Frequency WLED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com