Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDLO-3416 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDLO-3416
Description  Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDLO-3416 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HDLO-3416 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDLO-3416 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDLO-3416 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDLO-3416 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDLO-3416 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDLO-3416 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDLO-3416 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDLO-3416 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDLO-3416 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Absolute Maximum Ratings
Supply Voltage, VDD to Ground[1]
-0.5 V to 7.0 V
Input Voltage, Any Pin to Ground
-0.5 V to VDD + 0.5 V
Free Air Operating Temperature Range, TA
-40°C to +85°C
Storage Temperature, TS
-40°C to +85°C
CMOS IC Junction Temperature, TJ (IC)
+150°C
Relative Humidity (non-condensing) at 65°C
85%
Soldering Temperature [1.59 mm (0.063 in.) Below Body]
Solder Dipping
260°C for 5 secs
Wave Soldering
250°C for 3 secs
ESD Protection, R = 1.5 k
, C = 100 pF
VZ = 1 kV (each pin)
Note:
1. Maximum Voltage is with no LEDs illuminated.
Package Dimensions
Notes:
1. Unless otherwise specified, the tolerance on all dimensions is ± 0.254 mm (0.010).
2. All dimensions are in millimeters (inches).
32.77
(1.290)
8.26
(0.325)
10.03
(0.395)
20.07
(0.790)
6.86
(0.270)
4.45
(0.175)
0.51
(0.020)
TYP.
8.64
(0.340)
2.54
(0.100)
TYP.
4.06
(0.160)
10.16
(0.400)
2.41
(0.095)
TYP.
0.38
(0.015)
15.24
(0.600)
0.25
(0.010)
TYP.
PIN 1 IDENTIFIER
PIN NO.
FUNCTION
PIN NO.
FUNCTION
1
2
3
4
5
6
7
8
9
10
11
NO CONNECT
NO CONNECT
CE1
CE2
CLR
VDD
A0
A1
WR
CU
CUE
12
13
14
15
16
17
18
19
20
21
22
GROUND
NO CONNECT
BL
NO CONNECT
D0
D1
D2
D3
D4
D5
D6


Similar Part No. - HDLO-3416

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDLO-3416 HP-HDLO-3416 Datasheet
116Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLO-3416 AVAGO-HDLO-3416 Datasheet
292Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
More results

Similar Description - HDLO-3416

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDLX-3461 HP-HDLX-3461 Datasheet
116Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-3416 AVAGO-HDLX-3416 Datasheet
292Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-2490 HP-HDSP-2490 Datasheet
276Kb / 5P
   FOUR CHARACTER 6.9mm (0.27 INCH) 5 x 7 ALPHANUMERIC DISPLAYS
HDLX-2416 HP-HDLX-2416 Datasheet
337Kb / 12P
   Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
HDSP-2000 HP-HDSP-2000 Datasheet
491Kb / 5P
   FOUR CHARACTER 3.8 mm (0.15 INCH) 5 x 7 ALPHANUMERIC DISPLAYS
HDSP-2301 HP-HDSP-2301 Datasheet
513Kb / 44P
   Four Character 5.0 mm (0.20 inch) 5 x 7 Alphanumeric Displays
HDLS-1414 HP-HDLS-1414 Datasheet
105Kb / 10P
   Four Character Smart Alphanumeric Displays
HPDL-1414 HP-HPDL-1414 Datasheet
327Kb / 12P
   Four Character Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-1414 AVAGO-HDLX-1414_12 Datasheet
277Kb / 9P
   Four Character Smart Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HPDL-1414 HP-HPDL-1414_00 Datasheet
193Kb / 8P
   Four Character Smart Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com