Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDLO-3416 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDLO-3416
Description  Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDLO-3416 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HDLO-3416 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDLO-3416 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDLO-3416 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDLO-3416 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDLO-3416 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDLO-3416 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDLO-3416 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDLO-3416 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDLO-3416 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Electrical/Optical Characteristics over Operating Temperature Range
4.5 < VDD < 5.5 V (unless otherwise specified)
All Devices
 25°C[1]
Parameter
Symbol
Min.
Typ.
Max.
Max.
Units
Test Conditions
IDD Blank
IDD (blnk)
1.0
4.0
mA
All Digits Blanked
Input Current
II
-40
10
A
VIN = 0 V to VDD
VDD = 5.0 V
Input Voltage High
VIH
2.0
VDD
V
Input Voltage Low
VIL
GND
0.8
V
IDD 4 Digits 20 Dots/
IDD (#)
110
130
160
mA
“#” ON in All Four
Character[2,3]
Locations
IDD Cursor All Dots
IDD (CU)
92
110
135
mA
Cursor ON in All
ON @ 50%
Four Locations
Notes:
1. VDD = 5.0 V
2. Average IDD measured at full brightness. Peak IDD = 28/15 x Average IDD (#).
3. IDD (#) max. = 130 mA, 150°C IC junction temperature and VDD = 5.5 V.
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Units
Supply Voltage
VDD
4.5
5.0
5.5
V


Similar Part No. - HDLO-3416

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDLO-3416 HP-HDLO-3416 Datasheet
116Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLO-3416 AVAGO-HDLO-3416 Datasheet
292Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
More results

Similar Description - HDLO-3416

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDLX-3461 HP-HDLX-3461 Datasheet
116Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-3416 AVAGO-HDLX-3416 Datasheet
292Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-2490 HP-HDSP-2490 Datasheet
276Kb / 5P
   FOUR CHARACTER 6.9mm (0.27 INCH) 5 x 7 ALPHANUMERIC DISPLAYS
HDLX-2416 HP-HDLX-2416 Datasheet
337Kb / 12P
   Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
HDSP-2000 HP-HDSP-2000 Datasheet
491Kb / 5P
   FOUR CHARACTER 3.8 mm (0.15 INCH) 5 x 7 ALPHANUMERIC DISPLAYS
HDSP-2301 HP-HDSP-2301 Datasheet
513Kb / 44P
   Four Character 5.0 mm (0.20 inch) 5 x 7 Alphanumeric Displays
HDLS-1414 HP-HDLS-1414 Datasheet
105Kb / 10P
   Four Character Smart Alphanumeric Displays
HPDL-1414 HP-HPDL-1414 Datasheet
327Kb / 12P
   Four Character Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-1414 AVAGO-HDLX-1414_12 Datasheet
277Kb / 9P
   Four Character Smart Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HPDL-1414 HP-HPDL-1414_00 Datasheet
193Kb / 8P
   Four Character Smart Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com