Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDLO-2416 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDLO-2416
Description  Four Character 5.0 mm (0.2 inch) Smart 5x7 Alphanumeric Displays
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDLO-2416 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HDLO-2416 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDLO-2416 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDLO-2416 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDLO-2416 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDLO-2416 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDLO-2416 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HDLO-2416 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HDLO-2416 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HDLO-2416 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
The inputs to the CMOS IC are protected against static
discharge and input current latchup. However, for best
results standard CMOS handling precautions should be
used. Prior to use, the HDLX-2416 should be stored in
anti-static tubes or conductive material. During assembly
a grounded conductive work area should be used, and
assembly personnel should wear conductive wrist straps.
Lab coats made of synthetic material should be avoided
since they are prone to static charge build-up.
Input current latchup is caused when the CMOS inputs
are subjected either to a voltage below ground (Vin <
ground) or to a voltage higher than VDD (Vin > VDD) and
when a high current is forced into the input. To prevent
input current latchup and ESD damage, unused inputs
should be connected either to ground or to VDD. Voltages
should not be applied to the inputs until VDD has been
applied to the display. Transient input voltages should
be eliminated.
Soldering and Post Solder Cleaning Instructions for the
HDLX-2416
The HDLX-2416 may be hand soldered or wave soldered
with SN63 solder. When hand soldering it is recom-
mended that an electronically temperature controlled
and securely grounded soldering iron be used. For best
results, the iron tip temperature should be set at 315°C
(600°F). For wave soldering, a rosin-based RMA flux can be
used. The solder wave temperature should be set at 245°C
±5°C (473°F ±9°F), and dwell in the wave should be set
between 1 1/2 to 3 seconds for optimum soldering. The
preheat temperature should not exceed 110°C (230°F) as
measured on the solder side of the PC board.
For further information on soldering and post solder
cleaning, see Application Note 1027, Soldering LED Com-
ponents.
Contrast Enhancement
The objective of contrast enhancement is to provide good
readability in the end user’s ambient lighting conditions.
The concept is to employ both luminance and chromi-
nance contrast techniques. These enhance readability by
having the OFF-dots blend into the display background
and the ON-dots vividly stand out against the same back-
ground. For additional information on contrast enhance-
ment, see Application Note 1015.
Figure 4 shows a circuit designed to dim the display from
98% to 2% by pulse width modulating the BL input. A
logarithmic or a linear potentiometer may be used to
adjust the display intensity. However, a logarithmic po-
tentiometer matches the response of the human eye and
therefore provides better resolution at low intensities. The
circuit frequency should be designed to operate at 10
kHz or higher. Lower frequencies may cause the display
to flicker.
Extended Function Disable
Extended Function Disable (bit D6 of the Control Register)
disables the extended blanking and dimming functions
in the HDLX-2416. If the Extended Function Disable is a
logic 1, the internal brightness control, Master Blank, and
Digit Blank Disable bits are ignored. However the BL input
and Cursor control are still active. This allows downward
compatibility to the HPDL-2416.
Mechanical and Electrical Considerations
The HDLX-2416 is an 18 pin DIP package that can be
stacked horizontally and vertically to create arrays of any
size. The HDLX-2416 is designed to operate continuously
from -40°C to +85°C for all possible input conditions.
The HDLX-2416 is assembled by die attaching and wire
bonding 140 LEDs and a CMOS IC to a high temperature
printed circuit board. A polycarbonate lens is placed over
the PC board creating an air gap environment for the
LED wire bonds. Backfill epoxy environmentally seals the
display package. This package construction makes the
display highly tolerant to temperature cycling and allows
wave soldering.
Figure 4. Intensity modulation control using an astable multivibrator
(reprinted with permission from Electronics magazine, Sept. 19, 1974,
VNU Business pub. Inc.)
+ VDD
555
BL
(PIN 18)
10 kHz
OUTPUT
1 k
250 k
LOG
400 pF
6
2
1
1 k
1N914
7
8
4
3


Similar Part No. - HDLO-2416

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDLO-2416 HP-HDLO-2416 Datasheet
337Kb / 12P
   Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
logo
Broadcom Corporation.
HDLO-2416 BOARDCOM-HDLO-2416 Datasheet
613Kb / 18P
   Four Character 5.0 mm (0.2 inch) Smart 5횞7 Alphanumeric Displays
HDLO-2416-EF000 BOARDCOM-HDLO-2416-EF000 Datasheet
613Kb / 18P
   Four Character 5.0 mm (0.2 inch) Smart 5횞7 Alphanumeric Displays
More results

Similar Description - HDLO-2416

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HDLX-2416 BOARDCOM-HDLX-2416 Datasheet
613Kb / 18P
   Four Character 5.0 mm (0.2 inch) Smart 5횞7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDLX-2416 HP-HDLX-2416 Datasheet
337Kb / 12P
   Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
HDLS-1414 HP-HDLS-1414 Datasheet
105Kb / 10P
   Four Character Smart Alphanumeric Displays
HPDL-1414 HP-HPDL-1414 Datasheet
327Kb / 12P
   Four Character Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-1414 AVAGO-HDLX-1414_12 Datasheet
277Kb / 9P
   Four Character Smart Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HPDL-1414 HP-HPDL-1414_00 Datasheet
193Kb / 8P
   Four Character Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-1414 AVAGO-HDLX-1414 Datasheet
288Kb / 9P
   Four Character Smart Alphanumeric Displays
HDSP-2131 AVAGO-HDSP-2131 Datasheet
217Kb / 16P
   Eight Character 5.0 mm (0.2 inch) Glass/Ceramic Intelligent 5x7 Alphanumeric Displays for Military Applications
HDSP-2131 AVAGO-HDSP-2131_07 Datasheet
217Kb / 16P
   Eight Character 5.0 mm (0.2 inch) Glass/Ceramic Intelligent 5x7 Alphanumeric Displays for Military Applications
logo
Agilent(Hewlett-Packard...
HDSP-2301 HP-HDSP-2301 Datasheet
513Kb / 44P
   Four Character 5.0 mm (0.20 inch) 5 x 7 Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com