Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDLU-1414 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDLU-1414
Description  Four Character Smart Alphanumeric Displays
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDLU-1414 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

  HDLU-1414 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDLU-1414 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDLU-1414 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDLU-1414 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDLU-1414 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDLU-1414 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDLU-1414 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDLU-1414 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDLU-1414 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Figure 2. Display internal block diagram.
Soldering Instructions
The HDLX-1414 is compatible with hand- and wave-solder
processes. The use of a no-clean flux is recommended.
The polycarbonate lens on these displays is incompatible
with some fluxes and cleaning solutions. It is not rec-
ommended for use with heated Terpene, or solutions
of propylene glycol monomethyl ether and monoetha-
nolamine.
For further information on soldering and post-solder
cleaning, see Application Note 1027, Soldering LED
Components.
Contrast Enhancement
The objective of contrast enhancement is to provide good
readability in the end user’s ambient lighting conditions.
By using both luminance (brightness) and chrominance
(color) contrast techniques, the ON dots of the display can
be made to stand out against a dark background.
For further information on contrast enhancement, see
Application Note 1015, Contrast Enhancement Techniques
for LED Displays.
CHARACTER RAM
ASCII DECODER
WRITE
ADDRESS
A0 – A1
2
D0 – D6
7
DATA IN
DATA
OUT
7
CHARACTER
SELECT
COLUMN
DATA
5
3 ROW
SELECT
OSC
+ 32
+ 7
ROW
DRIVERS
DISPLAY
COLUMN
DRIVERS
ROW
SELECT
WRITE
(4 x 7)
WR


Similar Part No. - HDLU-1414

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDLU-1414 HP-HDLU-1414 Datasheet
105Kb / 10P
   Four Character Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLU-1414 AVAGO-HDLU-1414 Datasheet
288Kb / 9P
   Four Character Smart Alphanumeric Displays
More results

Similar Description - HDLU-1414

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDLS-1414 HP-HDLS-1414 Datasheet
105Kb / 10P
   Four Character Smart Alphanumeric Displays
HPDL-1414 HP-HPDL-1414 Datasheet
327Kb / 12P
   Four Character Smart Alphanumeric Displays
HPDL-1414 HP-HPDL-1414_00 Datasheet
193Kb / 8P
   Four Character Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-1414 AVAGO-HDLX-1414 Datasheet
288Kb / 9P
   Four Character Smart Alphanumeric Displays
HDLS-2416 AVAGO-HDLS-2416_13 Datasheet
234Kb / 12P
   Four Character 5.0 mm (0.2 inch) Smart 5x7 Alphanumeric Displays
logo
Broadcom Corporation.
HDLX-2416 BOARDCOM-HDLX-2416 Datasheet
613Kb / 18P
   Four Character 5.0 mm (0.2 inch) Smart 5횞7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDLX-2416 HP-HDLX-2416 Datasheet
337Kb / 12P
   Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLO-3416 AVAGO-HDLO-3416_12 Datasheet
292Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDLX-3461 HP-HDLX-3461 Datasheet
116Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-3416 AVAGO-HDLX-3416 Datasheet
292Kb / 12P
   Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com