Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1418N4S16KR8 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1418N4S16KR8
Description  Type 4X Stainless Steel Wallmount Enclosure 1418 N4
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1418N4S16KR8 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1418N4S16KR8 Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1418N4S16KR8 Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1418N4S16KR8 Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
English | Français
Type 4X Stainless Steel Wallmount Enclosure 1418 N4
SS Series
Continuous Hinge Door with Clamps
Application
Designed for use as instrument enclosures, electric, hydraulic or
pneumatic control housings, electrical junction boxes or terminal wiring
enclosures.
Provides protection where equipment may be hosed down or otherwise
be very wet, or in specific applications where corrosion is a serious
problem.
Standards
UL 508 Type 3R, 4, 4X, and 12
CSA Type 3R, 4, 4X, and 12
Complies with
NEMA Type 3R, 4, 4X, 12 and 13
JIC EGP-1-1967 unless marked¹
IEC 60529, IP66
Construction
Formed 14 gauge 304 or 316 stainless steel.
Smooth, continuously welded seams without knockouts, cutouts or
holes.
Door stiffeners are provided in the larger enclosures for extra rigidity.
Welded brackets provide for enclosure mounting.
Formed lip on door and enclosure excludes flowing liquids and
contaminants.
Stainless steel continuous hinge on door may be removed by pulling
the stainless steel hinge pin.
Door is secured with easily operated stainless steel clamps.
Provision for padlocking.
Seamless poured-in place gasket.
A removable 12 gauge inner panel is included.
Collar studs are provided for mounting inner panels.
A bonding stud is provided on the door and a grounding stud is
provided in the enclosure.
A literature pocket is provided for the inside of the door.
Finish
Cover and enclosure are natural stainless steel with a smooth brushed
finish.
Removable inner panel is finished in white powder coating.
Accessories
Quality Products. Service Excellence.


Similar Part No. - 1418N4S16KR8

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1418N4S16KR8 HAMMOND-1418N4S16KR8 Datasheet
222Kb / 3P
   Armoire murale en acier inoxydable de type 4X
More results

Similar Description - 1418N4S16KR8

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
HWST363016SS HAMMOND-HWST363016SS Datasheet
158Kb / 2P
   IP69K/Type 4X Stainless Steel Wallmount Enclosure
1/9/22
HWSSHK HAMMOND-HWSSHK Datasheet
766Kb / 4P
   Stainless Steel Wallmount Enclosure
logo
Axiomtek Co., Ltd.
GOT817-834 AXIOMTEK-GOT817-834 Datasheet
616Kb / 2P
   Full stainless steel enclosure with type 316
logo
Schneider Electric
9422A2 SCHNEIDER-9422A2 Datasheet
102Kb / 3P
   Operating mechanism, flange mounted, variable depth, handle mechanism, 6 inch handle, NEMA 4X stainless steel enclosure
9422A10 SCHNEIDER-9422A10 Datasheet
118Kb / 3P
   Operating mechanism, flange mounted, variable depth, handle mechanism, 10 inch handle, NEMA 4X stainless steel enclosure
9422A4 SCHNEIDER-9422A4 Datasheet
118Kb / 3P
   Operating mechanism, flange mounted, variable depth, handle mechanism, 4 inch handle, NEMA 4X stainless steel enclosure
9422A8 SCHNEIDER-9422A8 Datasheet
97Kb / 2P
   Operating mechanism, flange mounted, variable depth, handle mechanism, 12 inch handle, NEMA 4X stainless steel enclosure
logo
Japan Aviation Electron...
FI-X20CH-NPB-7000 JAE-FI-X20CH-NPB-7000 Datasheet
124Kb / 1P
   STAINLESS STEEL
logo
Ralston Instruments.
QTFT-3MS1 RALSTON-QTFT-3MS1_19 Datasheet
440Kb / 1P
   Stainless Steel
QTHA-2FSA RALSTON-QTHA-2FSA_19 Datasheet
281Kb / 1P
   Stainless Steel
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com