Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1447AF10 Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # 1447AF10
Description  Type 12 Mild Steel Wallmount Disconnect Enclosure 1447 Series Continuous Hinge Door Flange w Allen Bradley 1494 D Series cutout only
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1447AF10 Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  1447AF10 Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1447AF10 Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1447AF10 Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
provided with the enclosure, and must be ordered separately from the
manufacturer.
Enclosures with an "A" dimension under 40" require 2 point door closing
hardware. Order one Allen Bradley 1494F-L1.
Enclosures with an "A" dimension of 40" or more require a 3 point
door closing mechanism. Order one Allen Bradley 1494F-L2 and one
1494F-L3.
Enclosures 1447A K122 and 1447A L122 accept a 200 A switch only.
This switch will not fit in any other 1447A Series Enclosure. Order Allen
Bradley 1494F-L4 door hardware for 1447A K122 and 1447A L122
enclosures.
Part No.
Dimensions
Panel Size
Mtg. Centers
Ship
A
B
C
D
E
F
G
Wt. lbs.
1447A A 8
20.00
21.38
8.00
17.00
17.00
15.38
21.25
55


Similar Part No. - 1447AF10

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1447 3M-1447 Datasheet
601Kb / 1P
   Stay sharp with Scotch Scissors
logo
API Technologies Corp
1447 APITECH-1447 Datasheet
414Kb / 1P
   Low Intermodulation Design
logo
List of Unclassifed Man...
1447-1 ETC2-1447-1 Datasheet
485Kb / 1P
   MICRO PINS
1447-2 ETC2-1447-2 Datasheet
485Kb / 1P
   MICRO PINS
1447-3 ETC2-1447-3 Datasheet
485Kb / 1P
   MICRO PINS
More results

Similar Description - 1447AF10

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1420B7 HAMMOND-1420B7 Datasheet
147Kb / 3P
   Type 1 Mild Steel Wallmount Enclosure 1420 Series Hinge Door With Quarter Turn and W Mounting Flange
1414A HAMMOND-1414A Datasheet
167Kb / 1P
   Type 12 Mild Steel Junction Box 1414 Series
HWSSHK HAMMOND-HWSSHK Datasheet
766Kb / 4P
   Stainless Steel Wallmount Enclosure
HWST363016SS HAMMOND-HWST363016SS Datasheet
158Kb / 2P
   IP69K/Type 4X Stainless Steel Wallmount Enclosure
1/9/22
EJ-SERIES HAMMOND-EJ-SERIES Datasheet
246Kb / 2P
   Continuous Hinge Door with Quarter Turn
EJSS HAMMOND-EJSS_V01 Datasheet
219Kb / 2P
   Continuous Hinge Door with Quarter Turn
1418N4SSB6 HAMMOND-1418N4SSB6 Datasheet
221Kb / 3P
   Type 4X Stainless Steel Wallmount Enclosure 1418 N4
logo
List of Unclassifed Man...
A10086CHNF ETC2-A10086CHNF Datasheet
603Kb / 2P
   Continuous Hinge with Clamps, Type 4
A24H2408SSLP ETC2-A24H2408SSLP Datasheet
380Kb / 4P
   Continuous Hinge with Clamps, Type 4X
E16PBG ETC2-E16PBG Datasheet
607Kb / 2P
   77SC66p33e..c4422-0220..22362510710 Mild Steel
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com