Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT34TS02 Datasheet(PDF) 10 Page - ON Semiconductor

Part # CAT34TS02
Description  Digital Output Temperature Sensor with On-board SPD EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT34TS02 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CAT34TS02_13 Datasheet HTML 6Page - ON Semiconductor CAT34TS02_13 Datasheet HTML 7Page - ON Semiconductor CAT34TS02_13 Datasheet HTML 8Page - ON Semiconductor CAT34TS02_13 Datasheet HTML 9Page - ON Semiconductor CAT34TS02_13 Datasheet HTML 10Page - ON Semiconductor CAT34TS02_13 Datasheet HTML 11Page - ON Semiconductor CAT34TS02_13 Datasheet HTML 12Page - ON Semiconductor CAT34TS02_13 Datasheet HTML 13Page - ON Semiconductor CAT34TS02_13 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
CAT34TS02
http://onsemi.com
10
Figure 27. EEPROM Page Write
SDA LINE
BYTE
ADDRESS (n)
DATA n
DATA n+1
SLAVE
ADDRESS
SPD
NOTE: In this example n = XXXX 0000(B); X = 1 or 0
SLAVE
BUS ACTIVITY:
MASTER
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
S
S
T
A
R
T
S
T
O
P
P
DATA n+P
Read Operations
Immediate Read
Upon power−up, the address counters for both the
Temperature Sensor (TS) and on−board EEPROM are
initialized to 00h. The TS address counter will thus point to
the Capability Register and the EEPROM address counter
will point to the first location in memory. The two address
counters may be updated by subsequent operations.
A CAT34TS02 presented with a Slave address containing
a ‘1’ in the R/W position will acknowledge the Slave address
and will then start transmitting data being pointed at by the
current EEPROM data or respectively TS register address
counter. The Master stops this transmission by responding
with NoACK, followed by a STOP (Figure 28).
Selective Read
The Read operation can be started at an address different
from the one stored in the respective address counters, by
preceding the Immediate Read sequence with a ‘data less’
Write operation. The Master sends out a START, Slave
address and address byte, but rather than following up with
data (as in a Write operation), the Master then issues another
START and continuous with an Immediate Read sequence
(Figure 29).
Sequential EEPROM Read
EEPROM data can be read out indefinitely, as long as the
Master responds with ACK (Figure 30). The internal address
count is automatically incremented after every data byte sent
to the bus. If the end of memory is reached during continuous
Read, then the address counter ‘wraps−around’ to beginning
of memory, etc. Sequential Read works with either
Immediate Read or Selective Read, the only difference
being that in the latter case the starting address is
intentionally updated.
Figure 28. Immediate Read
SLAVE
ADDRESS
SPD
TS
SDA LINE
SLAVE
BUS ACTIVITY:
MASTER
DATA
DATA (MSB)
DATA (LSB)
S
S
T
A
R
T
A
C
K
N
O
A
C
K
S
T
O
P
P
N
O
A
C
K
SLAVE
ADDRESS
BUS ACTIVITY:
MASTER
SDA LINE
SLAVE
A
C
K
A
C
K
S
S
T
A
R
T
A
C
K
P
S
T
O
P


Similar Part No. - CAT34TS02_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT34TS02 ONSEMI-CAT34TS02_14 Datasheet
138Kb / 21P
   Digital Output Temperature Sensor
June, 2014 ??Rev. 12
More results

Similar Description - CAT34TS02_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT34TS02 ONSEMI-CAT34TS02 Datasheet
204Kb / 22P
   Digital Output Temperature Sensor with On-board SPD EEPROM
Doc. No. MD-1129 Rev. G
CAT34TS04VP2GT4A ONSEMI-CAT34TS04VP2GT4A Datasheet
194Kb / 18P
   Digital Output Temperature Sensor with On-board SPD EEPROM
October, 2013 ??Rev. 6
logo
Microchip Technology
MCP98244 MICROCHIP-MCP98244 Datasheet
972Kb / 52P
   DDR4 DIMM Temperature Sensor with EEPROM for SPD
11/29/12 2012-2013
MCP98244 MICROCHIP-MCP98244_V01 Datasheet
1Mb / 52P
   DDR4 DIMM Temperature Sensor with EEPROM for SPD
Revision D March 2022
logo
STMicroelectronics
STTS424E02 STMICROELECTRONICS-STTS424E02 Datasheet
75Kb / 7P
   Memory module temperature sensor with a 2Kb SPD EEPROM
STTS424E02 STMICROELECTRONICS-STTS424E02_08 Datasheet
438Kb / 51P
   Memory module temperature sensor with a 2 Kb SPD EEPROM
logo
Microchip Technology
MCP98242 MICROCHIP-MCP98242_09 Datasheet
1Mb / 52P
   Memory Module Temperature Sensor w/EEPROM for SPD
2009
MCP98242 MICROCHIP-MCP98242 Datasheet
1Mb / 46P
   Memory Module Temperature Sensor w/ EEPROM for SPD
2006
MCP98243 MICROCHIP-MCP98243 Datasheet
1Mb / 62P
   Memory Module Temperature Sensor w/ EEPROM for SPD
2009
MCP9843 MICROCHIP-MCP9843 Datasheet
1Mb / 62P
   Memory Module Temperature Sensor w/ EEPROM for SPD
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com