Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT34C02VP2I-G4 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT34C02VP2I-G4
Description  2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect TSSOP?? Y SUFFIX
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT34C02VP2I-G4 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT34C02VP2I-G4 Datasheet HTML 1Page - ON Semiconductor CAT34C02VP2I-G4 Datasheet HTML 2Page - ON Semiconductor CAT34C02VP2I-G4 Datasheet HTML 3Page - ON Semiconductor CAT34C02VP2I-G4 Datasheet HTML 4Page - ON Semiconductor CAT34C02VP2I-G4 Datasheet HTML 5Page - ON Semiconductor CAT34C02VP2I-G4 Datasheet HTML 6Page - ON Semiconductor CAT34C02VP2I-G4 Datasheet HTML 7Page - ON Semiconductor CAT34C02VP2I-G4 Datasheet HTML 8Page - ON Semiconductor CAT34C02VP2I-G4 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CAT34C02
http://onsemi.com
3
Table 5. A.C. CHARACTERISTICS (VCC = 1.7 V to 5.5 V, TA = −40°C to +85°C) (Note 6)
Symbol
Parameter
Standard
Fast
Units
Min
Max
Min
Max
FSCL
Clock Frequency
100
400
kHz
tHD:STA
START Condition Hold Time
4
0.6
ms
tLOW
Low Period of SCL Clock
4.7
1.3
ms
tHIGH
High Period of SCL Clock
4
0.6
ms
tSU:STA
START Condition Setup Time
4.7
0.6
ms
tHD:DAT
Data Hold Time
0
0
ms
tSU:DAT
Data Setup Time
250
100
ns
tR (Note 7)
SDA and SCL Rise Time
1000
300
ns
tF (Note 7)
SDA and SCL Fall Time
300
300
ns
tSU:STO
STOP Condition Setup Time
4
0.6
ms
tBUF
Bus Free Time Between STOP and START
4.7
1.3
ms
tAA
SCL Low to SDA Data Out
3.5
0.9
ms
tDH
Data Out Hold Time
100
100
ns
Ti (Note 7)
Noise Pulse Filtered at SCL and SDA Inputs
100
100
ns
tSU:WP
WP Setup Time
0
0
ms
tHD:WP
WP Hold Time
2.5
2.5
ms
tWR
Write Cycle Time
5
5
ms
tPU (Notes 7 & 8)
Power−up to Ready Mode
1
1
ms
6. Test conditions according to “A.C. Test Conditions” table.
7. Tested initially and after a design or process change that affects this parameter.
8. tPU is the delay between the time VCC is stable and the device is ready to accept commands.
Table 6. THERMAL CHARACTERISTICS (Air velocity = 0 m/s, 4 layers PCB) (Notes 9 and 10)
Part Number
Package
qJA
qJC
Units
CAT34C02Y
TSSOP
64
37
°C/W
CAT34C02VP2
TDFN
92
15
°C/W
CAT34C02HU3
UDFN
101
18
°C/W
CAT34C02HU4
UDFN
101
18
°C/W
9. TJ = TA + PD * qJA, where: TJ is the Junction Temperature, TA the Ambient Temperature, PD the Power dissipation.
Example: CAT34C02VP2, VCC = 3.0 V, ICCmax = 1 mA, TA = 85°C: TJ = 85°C + 3 mW * 92°C/W = 85.276°C.
10.TJ = TC + PD * qJC, where: TC is the Case Temperature, etc.
Table 7. A.C. TEST CONDITIONS
Input Levels
0.2 VCC to 0.8 VCC
Input Rise and Fall Times
≤ 50 ns
Input Reference Levels
0.3 VCC, 0.7 VCC
Output Reference Levels
0.5 VCC
Output Load
Current Source: IOL = 3 mA (VCC ≥ 2.5 V); IOL = 1 mA (VCC < 2.5 V); CL = 100 pF


Similar Part No. - CAT34C02VP2I-G4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT34C02VP2I-GT4 ONSEMI-CAT34C02VP2I-GT4 Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02VP2I-GT4 ONSEMI-CAT34C02VP2I-GT4 Datasheet
229Kb / 17P
   EEPROM Serial 2-Kb I2C forDDR2 DIMM SPD
May, 2018 ??Rev. 20
CAT34C02VP2I-GT4A ONSEMI-CAT34C02VP2I-GT4A Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02VP2I-GT5 ONSEMI-CAT34C02VP2I-GT5 Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02VP2I-GT5A ONSEMI-CAT34C02VP2I-GT5A Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
More results

Similar Description - CAT34C02VP2I-G4

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT34C02 CATALYST-CAT34C02 Datasheet
309Kb / 17P
   2-Kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02 Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02VP2IGT4A ONSEMI-CAT34C02VP2IGT4A Datasheet
171Kb / 14P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
March, 2011 ??Rev. 17
logo
Catalyst Semiconductor
CAT34WC02 CATALYST-CAT34WC02_05 Datasheet
275Kb / 10P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02 CATALYST-CAT34RC02_05 Datasheet
666Kb / 14P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02 CATALYST-CAT34RC02 Datasheet
433Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
34RC02 CATALYST-34RC02 Datasheet
445Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34FC02 CATALYST-CAT34FC02 Datasheet
451Kb / 10P
   2-kb I2C Serial EEPROM, Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02_18 Datasheet
229Kb / 17P
   EEPROM Serial 2-Kb I2C forDDR2 DIMM SPD
May, 2018 ??Rev. 20
logo
STMicroelectronics
M34C02-W STMICROELECTRONICS-M34C02-W Datasheet
256Kb / 31P
   2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com