Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC-50 Datasheet(PDF) 2 Page - Riedon Powertron

Part # TSC-50
Description  Tubular Power Wirewound Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

TSC-50 Datasheet(HTML) 2 Page - Riedon Powertron

  TSC-50 Datasheet HTML 1Page - Riedon Powertron TSC-50 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
6/13
SPECIFICATIONS (continued)
Type
Wattage
Rating
Resis-
tance
Range 1
Dimensions
Terminal
Size
BKTS - Mounting Dimensions
A
±0.062”
[±1.6mm]
B
±0.031”
[±0.8mm]
C
±0.062”
[±1.6mm]
K
±0.062”
[±1.6mm]
M
±0.062”
[±1.6mm]
C
±0.020”
[±0.5mm]
TSC-5
5
1 - 1k
0.312 [7.9]
0.188 [4.8]
1.00 [25.4]
T1
-
1.44 [36.6]
0.146 [3.7]
TSC-10
10
1 - 1k
0.312 [7.9]
0.188 [4.8]
1.75 [44.4]
T1
0.938 [23.8]
2.19 [55.6]
0.146 [3.7]
TSC-20
20
1 - 10k
0.250 [6.4]
0.188 [4.8]
2.00 [50.8]
T1
-
2.50 [63.5]
0.146 [3.7]
TSC-25
25
1 - 10k
0.563 [14.3]
0.312 [7.9]
2.00 [50.8]
T2
1.688 [42.9]
2.75 [69.9]
0.161 [4.1]
TSC-25A
30
1 - 10k
0.750 [19.1] 0.500 [12.7]
2.00 [50.8]
T2
2.312 [58.7]
2.88 [73.2]
0.161 [4.1]
TSC-25B
30
1 - 10k
0.625 [15.9] 0.453 [11.5]
2.00 [50.8]
T2
1.688 [42.9]
2.63 [66.8]
0.161 [4.1]
TSC-50
50
1.5 - 15k
0.563 [14.3]
0.312 [7.9]
4.00 [102]
T2
1.688 [42.9]
4.75 [121]
0.161 [4.1]
TSC-50A
60
1.5 - 15k
0.750 [19.1] 0.500 [12.7]
4.00 [102]
T2
2.312 [58.7]
4.88 [124]
0.196 [5.0]
TSC-50B
70
1.5 - 15k
0.750 [19.1] 0.547 [13.9]
4.50 [114]
T2
2.312 [58.7]
5.38 [137]
0.196 [5.0]
TSC-75
75
1.5 - 15k
0.563 [14.3]
0.312 [7.9]
6.00 [152]
T2
1.688 [42.9]
6.75 [171]
0.161 [4.1]
TSC-75A
90
2.7 - 20k
0.750 [19.1] 0.500 [12.7]
6.00 [152]
T2
2.312 [58.7]
6.88 [175]
0.196 [5.0]
TSC-100
100
2.7 - 20k
0.750 [19.1] 0.500 [12.7]
6.50 [165]
T2
2.312 [58.7]
7.38 [187]
0.196 [5.0]
TSC-130
130
2.7 - 20k
1.125 [28.6] 0.750 [19.1]
6.50 [165]
T3
2.812 [71.4]
7.38 [187]
0.196 [5.0]
TSC-160
175
3.3 - 39k
1.125 [28.6] 0.750 [19.1]
8.50 [216]
T3
2.812 [71.4]
9.38 [238]
0.196 [5.0]
TSC-200
225
3.3 - 47k
1.125 [28.6] 0.750 [19.1] 10.50 [267]
T3
2.812 [71.4] 11.38 [289]
0.196 [5.0]
1
For non-inductive windings / divide maximum resistance by 2
TSC Series
Tubular Power Wirewound Resistors
-BKTS Option
Terminal Size
D ±0.010” [±6.4mm]
E ±0.032” [±0.8mm]
F ±0.005” [±0.13mm]
T1
0.188 [ 4.8 ]
0.438 [ 11.1 ]
0.104 [ 2.6 ]
T2
0.250 [ 6.3 ]
0.563 [ 14.3 ]
0.166 [ 4.2 ]
T3
0.312 [ 7.9 ]
0.625 [ 15.9 ]
0.196 [ 5.0 ]


Similar Part No. - TSC-50

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
TSC-50 WILLOW-TSC-50 Datasheet
361Kb / 2P
   Tubular Power Wirewound Resistors
logo
Riedon Powertron
TSC-50 RIEDON-TSC-50 Datasheet
289Kb / 2P
   Tubular Power Wirewound Resistors
logo
Willow Technologies Ltd
TSC-50A WILLOW-TSC-50A Datasheet
361Kb / 2P
   Tubular Power Wirewound Resistors
logo
Riedon Powertron
TSC-50A RIEDON-TSC-50A Datasheet
289Kb / 2P
   Tubular Power Wirewound Resistors
logo
Willow Technologies Ltd
TSC-50B WILLOW-TSC-50B Datasheet
361Kb / 2P
   Tubular Power Wirewound Resistors
More results

Similar Description - TSC-50

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RBEA VISHAY-RBEA Datasheet
105Kb / 5P
   Wirewound Resistors, Industrial Power, Tubular, Tubular,
logo
Willow Technologies Ltd
TSC-5 WILLOW-TSC-5 Datasheet
361Kb / 2P
   Tubular Power Wirewound Resistors
logo
Riedon Powertron
TSC-5 RIEDON-TSC-5 Datasheet
289Kb / 2P
   Tubular Power Wirewound Resistors
TVC-5 RIEDON-TVC-5 Datasheet
161Kb / 2P
   Vitreous Tubular Power Wirewound Resistors
logo
Welwyn Components Limit...
CW10 WELWYN-CW10 Datasheet
71Kb / 2P
   Tubular Cement Coated Wirewound Resistors
1600 WELWYN-1600 Datasheet
335Kb / 7P
   Tubular Vitreous Enamelled Wirewound Resistors
logo
TT Electronics.
1600 TTELEC-1600_17 Datasheet
921Kb / 7P
   Tubular Vitreous Enamelled Wirewound Resistors
logo
Vishay Siliconix
HL01205Z10R00JJ VISHAY-HL01205Z10R00JJ Datasheet
135Kb / 4P
   Wirewound Resistors, Industrial Power, Tubular (HL), Non-Inductive Tubular (NHL)
Revision: 12-Mar-14
NHL VISHAY-NHL Datasheet
127Kb / 4P
   Wirewound Resistors, Industrial Power, Tubular (HL), Non-Inductive Tubular (NHL)
Revision: 26-Feb-16
MCR VISHAY-MCR Datasheet
167Kb / 4P
   Wirewound Resistors, Industrial Power, Tubular, Metal Case, MCRL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com