Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCMS-3903 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCMS-3903
Description  3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCMS-3903 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCMS-3903 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCMS-3903 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCMS-3903 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCMS-3903 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCMS-3903 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCMS-3903 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCMS-3903 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCMS-3903 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCMS-3903 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
Display Overview
The HCMS-39XX series is a family of LED displays driven
by on-board CMOS ICs. The LEDs are configured as 5x7
font characters and are driven in groups of 4 characters
per IC. Each IC consists of a 160-bit shift register (the Dot
Register), two 7-bit Control Words, and refresh circuitry.
The Dot Register contents are mapped on a one-to-one
basis to the display. Thus, an individual Dot Register bit
uniquely controls a single LED.
Eight-character displays have two ICs that are cascaded.
The Data Out line of the first IC is internally connected to
the Data In line of the second IC forming a 320-bit Dot
Register. The display’s other control and power lines are
connected directly to both ICs.
Reset
Reset initializes the Control Registers (sets all Control
Register bits to logic low) and places the display in the
sleep mode. The Reset pin should be connected to the
system power on reset circuit. The Dot Registers are not
cleared upon power-on or by Reset. After power-on,
the Dot Register contents are random; however, Reset
will put the display in sleep mode, thereby blanking the
LEDs. The Control Register and the Control Words are
cleared to all zeros by Reset.
To operate the display after being Reset, load the Dot
Register with logic lows. Then load Control Word 0 with
the desired brightness level and set the sleep mode bit
to logic high.
Dot Register
The Dot Register holds the pattern to be displayed by the
LEDs. Data is loaded into the Dot Register according to
the procedure shown in Table 1 and Figure 5.
First RS is brought low, then CE is brought low. Next, each
successive rising CLK edge will shift in the data at the DIN
pin. Loading a logic high will turn the corresponding
LED on; a logic low turns the LED off. When all 160 bits
have been loaded (or 320 bits in an 8-digit display), CE is
brought to logic high.
When CLK is next brought to logic low, new data is
latched into the display dot drivers. Loading data into
the Dot Register takes place while the previous data is
displayed and eliminates the need to blank the display
while loading data.
Table 1. Register Truth Table
Function
CLK
CE
RS
Select Dot Register
Not Rising
p
L
Load Dot Register
n
L
X
DIN = HIGH LED = “ON”
DIN = LOW LED = “OFF”
Copy Data from Dot Register to Dot Latch
L
H
X
Select Control Register
Not Rising
p
H
Load Control Register[1,3]
n
L
X
Latch Data to Control Word[2]
L
H
X
Notes:
1. BIT D0 of Control Word 1 must have been previously set to Low for serial mode or High for simultaneous mode.
2. Selection of Control Word 1 or Control Word 0 is set by D7 of the Control Shift Register. The unselected control word retains its previous value.
3. Control Word data is loaded Most Significant Bit (D7) first.


Similar Part No. - HCMS-3903

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-3903 AVAGO-HCMS-3903 Datasheet
187Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Broadcom Corporation.
HCMS-3903 BOARDCOM-HCMS-3903 Datasheet
255Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
More results

Similar Description - HCMS-3903

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HCMS-39XX BOARDCOM-HCMS-39XX Datasheet
255Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-39X6 AVAGO-HCMS-39X6 Datasheet
454Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-39X2 HP-HCMS-39X2 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X6 HP-HCMS-39X6 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-39XX AVAGO-HCMS-39XX Datasheet
187Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Broadcom Corporation.
HCMS-29XX BOARDCOM-HCMS-29XX Datasheet
329Kb / 17P
   High Performance CMOS 5횞7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2919 AVAGO-HCMS-2919 Datasheet
139Kb / 14P
   High Performance CMOS 5x7 AlphaNumeric GaN Blue Display
HCMS-2819 AVAGO-HCMS-2819 Datasheet
212Kb / 12P
   High Performance CMOS 5x7 AlphaNumeric InGaN Blue Display
logo
Agilent(Hewlett-Packard...
HCMS-29X5 HP-HCMS-29X5 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-29XX HP-HCMS-29XX_01 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com