Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCMS-3963 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCMS-3963
Description  3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCMS-3963 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCMS-3963 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCMS-3963 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCMS-3963 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCMS-3963 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCMS-3963 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCMS-3963 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCMS-3963 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCMS-3963 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCMS-3963 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
HCMS-3901, HCMS-3902, HCMS-3961, HCMS-3962,
HCMS-3911, HCMS-3912, HCMS-3971, HCMS-3972
HCMS-3903, HCMS-3904, HCMS-3963, HCMS-3964,
HCMS-3913, HCMS-3914, HCMS-3973, HCMS-3974
ESD WARNING: STANDARD CMOS HANDLING PRECAUTIONS SHOULD BE OBSERVED TO AVOID STATIC DISCHARGE
Description
The 3.3 V HCMS-39xx family is similar to the 5.0 V
HCMS-29xx family, except it operates at a lower
operating voltage. Package dimensions and pin outs
are exactly the same for both families. The product has
been thoroughly characterized and stringent reliability
tested to ensure that the product is of high quality.
Similar to the 5.0 V platform, this family product is
a high performance, easy to use dot matrix display
driven by on-board CMOS IC. Each display can be
directly
interfaced
with
a
microprocessor,
thus
eliminating the need for cumbersome interface com-
ponents. The serial IC interface allows higher character
count information displays with a minimum of data
lines. The easy to read 5x7 pixel format allows the
display of upper case, lower case, Katakana, and custom
user-defined characters. These displays are stackable
in the x- and y-directions, making them ideal for high
character count displays.
Features
x Easy to use
x Interfaces directly with microprocessors
x 0.15”character height in 4 and 8 character package
x 0.20”character height in 4 and 8 character package
x Rugged X- and Y-stackable package
x Serial input
x Convenient brightness controls
x Wave solderable
x Low power CMOS technology
x TTL compatible
x 3.3 V operating voltage
Applications
x Telecommunications equipment
x Portable data entry devices
x Computer peripherals
x Medical equipment
x Test equipment
x Business machines
x Avionics
x Industrial controls
HCMS-39xx
3.3 V High Performance CMOS
5x7 AlphaNumeric Displays
Data Sheet


Similar Part No. - HCMS-3963

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-3963 AVAGO-HCMS-3963 Datasheet
187Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Broadcom Corporation.
HCMS-3963 BOARDCOM-HCMS-3963 Datasheet
255Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
More results

Similar Description - HCMS-3963

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HCMS-39XX BOARDCOM-HCMS-39XX Datasheet
255Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-39X6 AVAGO-HCMS-39X6 Datasheet
454Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Agilent(Hewlett-Packard...
HCMS-39X2 HP-HCMS-39X2 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
HCMS-39X6 HP-HCMS-39X6 Datasheet
123Kb / 22P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-39XX AVAGO-HCMS-39XX Datasheet
187Kb / 18P
   3.3 V High Performance CMOS 5x7 AlphaNumeric Displays
logo
Broadcom Corporation.
HCMS-29XX BOARDCOM-HCMS-29XX Datasheet
329Kb / 17P
   High Performance CMOS 5횞7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HCMS-2919 AVAGO-HCMS-2919 Datasheet
139Kb / 14P
   High Performance CMOS 5x7 AlphaNumeric GaN Blue Display
HCMS-2819 AVAGO-HCMS-2819 Datasheet
212Kb / 12P
   High Performance CMOS 5x7 AlphaNumeric InGaN Blue Display
logo
Agilent(Hewlett-Packard...
HCMS-29X5 HP-HCMS-29X5 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
HCMS-29XX HP-HCMS-29XX_01 Datasheet
287Kb / 16P
   High Performance CMOS 5 x 7 Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com