Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1B-AU_F0_10001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # GS1B-AU_F0_10001
Description  SURFACE MOUNT RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GS1B-AU_F0_10001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  GS1B-AU_F0_10001 Datasheet HTML 1Page - Pan Jit International Inc. GS1B-AU_F0_10001 Datasheet HTML 2Page - Pan Jit International Inc. GS1B-AU_F0_10001 Datasheet HTML 3Page - Pan Jit International Inc. GS1B-AU_F0_10001 Datasheet HTML 4Page - Pan Jit International Inc. GS1B-AU_F0_10001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
STAD-FEB.04.2009
1
GS1A-AU~GS1M-AU
FEATURES
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Easy pick and place
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
• Low Forward Drop
• High temperature soldering : 260°C /10 seconds at terminals
• Glass Passivated Chip Junction
• Lead free in comply with EU RoHS 2002/95/EC directives
• Green molding compound as per IEC61249 Std. . (Halogen Free)
• Acqire quality system certificate : TS16949
• AEC-Q101 qualified
MECHANICAL DATA
• Case: JEDEC DO-214AC molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
• Polarity: Indicated by cathode band
• Standard packaging: 12mm tape (EIA-481)
• Weight: 0.002 ounce, 0.067 gram
SURFACE MOUNT RECTIFIER
NOTES:1. Measured at 1 MHz and applied Vr = 4.0 volts.
2. 8.0 mm2 ( .013mm thick ) land areas.
VOLTAGE
50 to 1000 Volts
1 Amperes
CURRENT
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
PARAMETER
SYMBOL GS1A-AU GS1B-AU GS1D -AU GS1G-AU GS1J-AU GS1K-AU GS1M-AU UNITS
Maximum Recurrent Peak Reverse Voltage
V
RRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
V
RMS
35
70
140
280
420
560
700
V
Maximum DC B locking Voltage
V
DC
50
100
200
400
600
800
1000
V
Maximum A verage Forward Currenth at T
L=1 0 0
O
C
I
F(AV )
1.0
A
Peak F orward Surge C urrent : 8.3ms si ngle half sine-wave
superimposed on rated load (JEDEC method)
I
FSM
30
A
Maximum Forward Voltage at 1.0A
V
F
1.1
V
Maximum DC Reverse C urrent a t T
J=2 5
O
C
Rated DC Blocking Voltage T
J=1 2 5
O
C
I
R
1.0
50
μ
A
Typical Junction capaci tance (Note 1)
C
J
12
pF
Typical Junction Resistance (Note 2)
R
θ
JL
30
O
C /
W
Operating and S torage Temperature Range
T
J,TSTG
-55 to +150
O
C
0.181(4.60)
0.157(4.00)
0.060(1.52)
0.030(0.76)
0.008(0.203)
0.002(0.051)
0.208(5.28)
0.188(4.80)
0 012(0 305)
..
0 006(0.152)
.


Similar Part No. - GS1B-AU_F0_10001

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GS1B-L MCC-GS1B-L Datasheet
246Kb / 4P
   1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
GS1B-L MCC-GS1B-L Datasheet
255Kb / 4P
   1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts Extremely Low Thermal Resistance
GS1B-L MCC-GS1B-L Datasheet
255Kb / 4P
   1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
GS1B-L MCC-GS1B-L Datasheet
258Kb / 4P
   1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
GS1B-L MCC-GS1B-L Datasheet
362Kb / 4P
   1.0 Amp Glass Passivated Rectifier 50 to 1000 Volts
More results

Similar Description - GS1B-AU_F0_10001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1A PANJIT-GS1A_07 Datasheet
83Kb / 3P
   SURFACE MOUNT RECTIFIER
S3A PANJIT-S3A_07 Datasheet
71Kb / 3P
   SURFACE MOUNT RECTIFIER
GS1GF PANJIT-GS1GF Datasheet
278Kb / 4P
   SURFACE MOUNT RECTIFIER
GS2GF PANJIT-GS2GF Datasheet
102Kb / 5P
   SURFACE MOUNT RECTIFIER
logo
Shenzhen Taychipst Elec...
SOD1H1 TAYCHIPST-SOD1H1 Datasheet
2Mb / 2P
   SURFACE MOUNT RECTIFIER
logo
Galaxy Semi-Conductor H...
GL34A BILIN-GL34A Datasheet
90Kb / 2P
   SURFACE MOUNT RECTIFIER
SODDB3 BILIN-SODDB3 Datasheet
106Kb / 2P
   SURFACE MOUNT RECTIFIER
SM513 BILIN-SM513 Datasheet
205Kb / 2P
   SURFACE MOUNT RECTIFIER
ES07B BILIN-ES07B Datasheet
173Kb / 3P
   SURFACE MOUNT RECTIFIER
SM4933 BILIN-SM4933 Datasheet
115Kb / 2P
   SURFACE MOUNT RECTIFIER
RS1A BILIN-RS1A Datasheet
64Kb / 2P
   SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com