Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1004FL-AU_R0_00001 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # GS1004FL-AU_R0_00001
Description  SURFACE GENERAL PURPOSE RECTIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GS1004FL-AU_R0_00001 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  GS1004FL-AU_R0_00001 Datasheet HTML 1Page - Pan Jit International Inc. GS1004FL-AU_R0_00001 Datasheet HTML 2Page - Pan Jit International Inc. GS1004FL-AU_R0_00001 Datasheet HTML 3Page - Pan Jit International Inc. GS1004FL-AU_R0_00001 Datasheet HTML 4Page - Pan Jit International Inc. GS1004FL-AU_R0_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PAGE .3
REV.0.3-JUN.9.2009
MOUNTING PAD LAYOUT
• Packing information
T/R - 10K per 13" plastic Reel
T/R - 3K per 7" plastic Reel
ORDER INFORMATION
SOD-123FL
0.167
(4.25)
0.106
(2.70)
0.031
(0.78)
Unit:inch(mm)
GS1000FL-AU~GS1010FL-AU


Similar Part No. - GS1004FL-AU_R0_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1004FL PANJIT-GS1004FL Datasheet
102Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
GS1004FL PANJIT-GS1004FL Datasheet
132Kb / 3P
   SURFACE GENERAL PURPOSE RECTIFIERS
logo
YENYO TECHNOLOGY Co., L...
GS1004FL YENYO-GS1004FL Datasheet
234Kb / 2P
   1.0A General Purpose Rectifier
logo
Nanjing International G...
GS1004FL DGNJDZ-GS1004FL Datasheet
303Kb / 3P
   1.0 AmpereSilion Rectifier
logo
SUNMATE electronic Co.,...
GS1004FL SUNMATE-GS1004FL Datasheet
297Kb / 2P
   SURFACE MOUNT RECTIFIER DIODES
More results

Similar Description - GS1004FL-AU_R0_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1504FL PANJIT-GS1504FL Datasheet
84Kb / 5P
   SURFACE GENERAL PURPOSE RECTIFIERS
GS1004HE PANJIT-GS1004HE Datasheet
136Kb / 5P
   SURFACE GENERAL PURPOSE RECTIFIERS
GS1000FL PANJIT-GS1000FL_09 Datasheet
132Kb / 3P
   SURFACE GENERAL PURPOSE RECTIFIERS
GS1006HE-AU PANJIT-GS1006HE-AU Datasheet
96Kb / 5P
   SURFACE GENERAL PURPOSE RECTIFIERS
GS1504FL-AU PANJIT-GS1504FL-AU Datasheet
545Kb / 5P
   SURFACE GENERAL PURPOSE RECTIFIERS
June 13,2017-REV.03
logo
Shenzhen Taychipst Elec...
S2A TAYCHIPST-S2A Datasheet
1Mb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Compact Technology Corp...
M1 CTC-M1 Datasheet
74Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Nantong Hornby Electron...
S1XF HORNBY-S1XF_18 Datasheet
202Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Compact Technology Corp...
S2A CTC-S2A Datasheet
108Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Nantong Hornby Electron...
S2XF HORNBY-S2XF Datasheet
228Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com