Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8804ANZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8804ANZ
Description  12 Channel, 8-Bit TrimDACs with Power Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8804ANZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8804ANZ Datasheet HTML 4Page - Analog Devices AD8804ANZ Datasheet HTML 5Page - Analog Devices AD8804ANZ Datasheet HTML 6Page - Analog Devices AD8804ANZ Datasheet HTML 7Page - Analog Devices AD8804ANZ Datasheet HTML 8Page - Analog Devices AD8804ANZ Datasheet HTML 9Page - Analog Devices AD8804ANZ Datasheet HTML 10Page - Analog Devices AD8804ANZ Datasheet HTML 11Page - Analog Devices AD8804ANZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8802/AD8804
REV. 0
–8–
...
DAC 12
ADDR
DECODE
SERIAL
REGISTER
CS
CLK
SDI
DAC 2
DAC 1
Figure 18. Equivalent Control Logic
The target DAC register is loaded with the last eight bits of the
serial data-word completing one DAC update. Twelve separate
12-bit data words must be clocked in to change all twelve out-
put settings.
All digital inputs are protected with a series input resistor and
parallel Zener ESD structure shown in Figure 19. Applies to
digital input pins CS, SDI, RS, SHDN, CLK
LOGIC
1k
Figure 19. Equivalent ESD Protection Circuit
Digital inputs can be driven by voltages exceeding the AD8802/
AD8804 VDD supply value. This allows 5 V logic to interface
directly to the part when it is operated at 3 V.
APPLICATIONS
Supply Bypassing
Precision analog products, such as the AD8802/AD8804, re-
quire a well filtered power source. Since the AD8802/AD8804
operate from a single +3 V to +5 V supply, it seems convenient
to simply tap into the digital logic power supply. Unfortunately,
the logic supply is often a switch-mode design, which generates
noise in the 20 kHz to 1 MHz range. In addition, fast logic gates
can generate glitches hundred of millivolts in amplitude due to
wiring resistances and inductances.
If possible, the AD8802/AD8804 should be powered directly
from the system power supply. This arrangement, shown in Fig-
ure 20, will isolate the analog section from the logic switching
transients. Even if a separate power supply trace is not available,
however, generous supply bypassing will reduce supply-line in-
duced errors. Local supply bypassing consisting of a 10
µF tan-
talum electrolytic in parallel with a 0.1
µF ceramic capacitor is
recommended (Figure 21).
TTL/CMOS
LOGIC
CIRCUITS
+5V
POWER SUPPLY
10µF
TANT
0.1µF
+
AD8802/
AD8804
Figure 20. Use Separate Traces to Reduce Power Supply
Noise
AD8802/
AD8804
VDD
DGND
10µF
0.1µF
+
+5V
Figure 21. Recommended Supply Bypassing for the
AD8802/AD8804
Buffering the AD8802/AD8804 Output
In many cases, the nominal 5 k
Ω output impedance of the
AD8802/AD8804 is sufficient to drive succeeding circuitry. If a
lower output impedance is required, an external amplifier can
be added. Several examples are shown in Figure 22. One ampli-
fier of an OP291 is used as a simple buffer to reduce the output
resistance of DAC A. The OP291 was chosen primarily for its
rail-to-rail input and output operation, but it also offers opera-
tion to less than 3 V, low offset voltage, and low supply current.
The next two DACs, B and C, are configured in a summing
arrangement where DAC C provides the coarse output voltage
setting and DAC B can be used for fine adjustment. The inser-
tion of R1 in series with DAC B attenuates its contribution to
the voltage sum node at the DAC C output.
VH
VL
VREFH
VDD
+5V
GND
VREFL
DIGITAL INTERFACING
OMITTED FOR CLARITY
R1
100k
OP291
AD8802/
AD8804
SIMPLE BUFFER
0V TO 5V
SUMMER CIRCUIT
WITH FINE TRIM
ADJUSTMENT
VH
VL
VH
VL
Figure 22. Buffering the AD8802/AD8804 Output
Increasing Output Voltage Swing
An external amplifier can also be used to extend the output volt-
age swing beyond the power supply rails of the AD8802/AD8804.
This technique permits an easy digital interface for the DAC,
while expanding the output swing to take advantage of higher
voltage external power supplies. For example, DAC A of Fig-
ure 23 is configured to swing from –5 V to +5 V. The actual
output voltage is given by:
VOUT = 1 +
R
F
RS
 ×
D
256
× 5V
()–5V
where D is the DAC input value (i.e., 0 to 255). This circuit can
be combined with the “fine/coarse” circuit of Figure 22 if, for
example, a very accurate adjustment around 0 V is desired.


Similar Part No. - AD8804ANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8804AN AD-AD8804AN Datasheet
432Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
AD8804AN AD-AD8804AN Datasheet
339Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
AD8804AN AD-AD8804AN Datasheet
434Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
More results

Similar Description - AD8804ANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8804 AD-AD8804_15 Datasheet
434Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
AD8802 AD-AD8802_15 Datasheet
434Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
AD8802ARZ AD-AD8802ARZ Datasheet
434Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
AD8802 AD-AD8802 Datasheet
432Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
AD8802ARZ AD-AD8802ARZ Datasheet
339Kb / 16P
   12 Channel, 8-Bit TrimDACs with Power Shutdown
REV. 0
logo
Linear Technology
LTC1400 LINER-LTC1400 Datasheet
515Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1404 LINER-LTC1404 Datasheet
455Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
LTC1400 LINER-LTC1400_15 Datasheet
371Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1404 LINER-LTC1404_15 Datasheet
339Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
LTC1400 LINER-LTC1400_1 Datasheet
2Mb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com