Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1010FL-AU_R0_00001 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # GS1010FL-AU_R0_00001
Description  SURFACE GENERAL PURPOSE RECTIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GS1010FL-AU_R0_00001 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  GS1010FL-AU_R0_00001 Datasheet HTML 1Page - Pan Jit International Inc. GS1010FL-AU_R0_00001 Datasheet HTML 2Page - Pan Jit International Inc. GS1010FL-AU_R0_00001 Datasheet HTML 3Page - Pan Jit International Inc. GS1010FL-AU_R0_00001 Datasheet HTML 4Page - Pan Jit International Inc. GS1010FL-AU_R0_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
REV.0.3-JUN.9.2009
Fig.1 FORWARD CURRENT DERATING CURVE
Fig.4 TYPICAL JUNCTION CAPACITANCE
Fig.3 TYPICAL REVERSE CHARACTERISTICS
RATING AND CHARACTERISTIC CURVES
3.0
2.0
1.0
0
0
50
100
150
0.5
1.5
2.5
LEAD TEMPERATURE, C
O
PERCENT OF PEAK REVERSE VOLTAGE,%
100
1.0
0.01
20
40
60
80
100
0.001
0.1
0
10
T=25 C
J
O
T=75 C
J
O
T =125 C
J
O
100
40
20
10
4.0
2.0
1.0
0.4
0.2
0.1
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.4
Fig.2-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
10
0.1
1.0
100
1000
1
2
5
10
20
50
100
T= 25 C
J
O
REVERSE VOLTAGE, VOLTS
Fig.5- MAXIMUM NON - REPETITIVE SURGE CURRENT
NO. OF CYCLE AT 60HZ
40
35
30
25
20
15
10
5
0
1
2
5
10
20
50
100
GS1000FL-AU~GS1010FL-AU


Similar Part No. - GS1010FL-AU_R0_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1010FL PANJIT-GS1010FL Datasheet
102Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
GS1010FL PANJIT-GS1010FL Datasheet
132Kb / 3P
   SURFACE GENERAL PURPOSE RECTIFIERS
logo
Unisonic Technologies
GS1010FL UTC-GS1010FL Datasheet
129Kb / 3P
   SURFACE MOUNT GENERAL RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
GS1010FL YENYO-GS1010FL Datasheet
234Kb / 2P
   1.0A General Purpose Rectifier
logo
Nanjing International G...
GS1010FL DGNJDZ-GS1010FL Datasheet
303Kb / 3P
   1.0 AmpereSilion Rectifier
More results

Similar Description - GS1010FL-AU_R0_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GS1504FL PANJIT-GS1504FL Datasheet
84Kb / 5P
   SURFACE GENERAL PURPOSE RECTIFIERS
GS1004HE PANJIT-GS1004HE Datasheet
136Kb / 5P
   SURFACE GENERAL PURPOSE RECTIFIERS
GS1000FL PANJIT-GS1000FL_09 Datasheet
132Kb / 3P
   SURFACE GENERAL PURPOSE RECTIFIERS
GS1006HE-AU PANJIT-GS1006HE-AU Datasheet
96Kb / 5P
   SURFACE GENERAL PURPOSE RECTIFIERS
GS1504FL-AU PANJIT-GS1504FL-AU Datasheet
545Kb / 5P
   SURFACE GENERAL PURPOSE RECTIFIERS
June 13,2017-REV.03
logo
Shenzhen Taychipst Elec...
S2A TAYCHIPST-S2A Datasheet
1Mb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Compact Technology Corp...
M1 CTC-M1 Datasheet
74Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Nantong Hornby Electron...
S1XF HORNBY-S1XF_18 Datasheet
202Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Compact Technology Corp...
S2A CTC-S2A Datasheet
108Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
logo
Nantong Hornby Electron...
S2XF HORNBY-S2XF Datasheet
228Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com