Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM324 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # LM324
Description  Quad Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM324 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  LM324 Datasheet HTML 1Page - Fairchild Semiconductor LM324 Datasheet HTML 2Page - Fairchild Semiconductor LM324 Datasheet HTML 3Page - Fairchild Semiconductor LM324 Datasheet HTML 4Page - Fairchild Semiconductor LM324 Datasheet HTML 5Page - Fairchild Semiconductor LM324 Datasheet HTML 6Page - Fairchild Semiconductor LM324 Datasheet HTML 7Page - Fairchild Semiconductor LM324 Datasheet HTML 8Page - Fairchild Semiconductor LM324 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LM2902,LM324/LM324A,LM224/LM224A
2
Schematic Diagram
(One Section Only)
Absolute Maximum Ratings
Thermal Data
Parameter
Symbol
LM224/LM224A
LM324/LM324A
LM2902
Unit
Power Supply Voltage
VCC
±16 or 32
±16 or 32
±13 or 26
V
Differential Input Voltage
VI(DIFF)
32
32
26
V
Input Voltage
VI
-0.3 to +32
-0.3 to +32
-0.3 to +26
V
Output Short Circuit to GND
Vcc
≤15V, TA=25°C(one Amp)
-
Continuous
Continuous
Continuous
-
Power Dissipation, TA=25
°C
14-DIP
14-SOP
PD
1310
640
1310
640
1310
640
mW
Operating Temperature Range
TOPR
-25 ~ +85
0 ~ +70
-40 ~ +85
°C
Storage Temperature Range
TSTG
-65 ~ +150
-65 ~ +150
-65 ~ +150
°C
Parameter
Symbol
Value
Unit
Thermal Resistance Junction-Ambient Max.
14-DIP
14-SOP
R
θja
95
195
°C/W
Q8
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q9
Q10
Q11
Q12
Q14
Q15
Q16
Q18
Q19
Q20
R2
Q21
C1
R1
GND
OUTPUT
IN(+)
IN(-)
VCC
Q13
Q17


Similar Part No. - LM324

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM324 TI-LM324 Datasheet
3Mb / 55P
[Old version datasheet]   Quadruple Operational Amplifiers
REVISED APRIL 2023
logo
NXP Semiconductors
LM324 PHILIPS-LM324 Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
STMicroelectronics
LM324 STMICROELECTRONICS-LM324 Datasheet
828Kb / 19P
   Low power quad operational amplifiers
October 2006 Rev 5
logo
Texas Instruments
LM324 TI-LM324 Datasheet
1Mb / 35P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED MARCH 2010
LM324 TI1-LM324 Datasheet
3Mb / 54P
[Old version datasheet]   LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED SEPTEMBER 2023
More results

Similar Description - LM324

ManufacturerPart #DatasheetDescription
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
   Quad operational amplifier
logo
Fujitsu Component Limit...
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
   Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
   Quad Operational Amplifier
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
   QUAD OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA324 FAIRCHILD-KA324_12 Datasheet
177Kb / 12P
   Quad Operational Amplifier
logo
New Japan Radio
NJM2112 NJRC-NJM2112 Datasheet
218Kb / 5P
   QUAD OPERATIONAL AMPLIFIER
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
   QUAD OPERATIONAL AMPLIFIER
NJM2060 NJRC-NJM2060 Datasheet
231Kb / 6P
   QUAD OPERATIONAL AMPLIFIER?
logo
Fujitsu Component Limit...
MB3615 FUJITSU-MB3615 Datasheet
82Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com