Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL335BCPZ-RL7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADXL335BCPZ-RL7
Description  Small, Low Power, Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL335BCPZ-RL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADXL335BCPZ-RL7 Datasheet HTML 4Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 5Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 6Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 7Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 8Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 9Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 10Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 11Page - Analog Devices ADXL335BCPZ-RL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADXL335
Rev. B | Page 8 of 16
SENSITIVITY (V/g)
0
5
10
15
20
0.285 0.288 0.291 0.294 0.297 0.300 0.303 0.306 0.309 0.312 0.315
Figure 15. X-Axis Sensitivity at 25°C, VS = 3 V
SENSITIVITY (V/g)
0
5
10
15
20
0.285 0.288 0.291 0.294 0.297 0.300 0.303 0.306 0.309 0.312 0.315
25
Figure 16. Y-Axis Sensitivity at 25°C, VS = 3 V
SENSITIVITY (V/g)
0
5
10
15
20
0.285 0.288 0.291 0.294 0.297 0.300 0.303 0.306 0.309 0.312 0.315
25
Figure 17. Z-Axis Sensitivity at 25°C, VS = 3 V
0.280
0.285
0.290
0.295
0.300
0.305
0.310
0.315
0.320
–40 –30 –20 –10 0
102030405060708090 100
N = 8
TEMPERATURE (°C)
Figure 18. X-Axis Sensitivity vs. Temperature—
Eight Parts Soldered to PCB, VS = 3 V
0.280
0.285
0.290
0.295
0.300
0.305
0.310
0.315
0.320
–40 –30 –20 –10 0
10 20 30 40 50 60 70 80 90 100
TEMPERATURE (°C)
N = 8
Figure 19. Y-Axis Sensitivity vs. Temperature—
Eight Parts Soldered to PCB, VS = 3 V
0.280
0.285
0.290
0.295
0.300
0.305
0.310
0.315
0.320
–40 –30 –20 –10 0
10 20 30 40 50 60 70 80 90 100
TEMPERATURE (°C)
N = 8
Figure 20. Z-Axis Sensitivity vs. Temperature—
Eight Parts Soldered to PCB, VS = 3 V


Similar Part No. - ADXL335BCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL335BCPZ AD-ADXL335BCPZ Datasheet
430Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
More results

Similar Description - ADXL335BCPZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
   Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL325 AD-ADXL325 Datasheet
309Kb / 16P
   Small, Low Power, 3-Axis 짹5 g Accelerometer
REV. 0
ADXL326 AD-ADXL326 Datasheet
308Kb / 16P
   Small, Low Power, 3-Axis 짹16 g Accelerometer
REV. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
Rev. 0
ADXL377BCPZ-RL7 AD-ADXL377BCPZ-RL7 Datasheet
261Kb / 12P
   Small, Low Power, 3-Axis 200 g Accelerometer
REV. 0
ADXL335 AD-ADXL335_10 Datasheet
430Kb / 16P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
REV. B
ADXL335 AD-ADXL335 Datasheet
130Kb / 11P
   Small, Low Power, 3-Axis 짹3 g Accelerometer
Rev. PrA
ADXL316 AD-ADXL316 Datasheet
277Kb / 14P
   Small, Low Power, 3-Axis plus minus16 g Accelerometer
ADXL323 AD-ADXL323_15 Datasheet
461Kb / 16P
   Small, Low Power, 2-Axis 3 g iMEMS Accelerometer
ADXL330 AD-ADXL330_15 Datasheet
490Kb / 16P
   Small, Low Power, 3-Axis 3 g iMEMS Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com