Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM74AS652WM Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # DM74AS652WM
Description  Octal Bus Transceiver and Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74AS652WM Datasheet(HTML) 6 Page - Fairchild Semiconductor

  DM74AS652WM Datasheet HTML 1Page - Fairchild Semiconductor DM74AS652WM Datasheet HTML 2Page - Fairchild Semiconductor DM74AS652WM Datasheet HTML 3Page - Fairchild Semiconductor DM74AS652WM Datasheet HTML 4Page - Fairchild Semiconductor DM74AS652WM Datasheet HTML 5Page - Fairchild Semiconductor DM74AS652WM Datasheet HTML 6Page - Fairchild Semiconductor DM74AS652WM Datasheet HTML 7Page - Fairchild Semiconductor DM74AS652WM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
6
DM74AS652 Switching Characteristics
Note 5: These parameters are measured with the internal output state of the storage register opposite to that of the bus input.
Symbol
Parameter
Conditions
From
To
Min
Max
Units
fMAX
Maximum Clock Frequency
VCC = 4.5V to 5.5V
90
MHz
tPLH
Propagation Delay Time
R1 = R2 = 500Ω
28.5
ns
LOW-to-HIGH Level Output
CL = 50 pF
CBA or CAB
A or B
tPHL
Propagation Delay Time
29
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
29
ns
LOW-to-HIGH Level Output
A or B
B or A
tPHL
Propagation Delay Time
17
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
211
ns
LOW-to-HIGH Level Output
SBA or SAB
A or B
tPHL
Propagation Delay Time
(Note 5)
29
ns
HIGH-to-LOW Level Output
tPZH
Output Enable Time
210
ns
to HIGH Level Output
tPZL
Output Enable Time
316
ns
to LOW Level Output
Enable GBA
A
tPHZ
Output Disable Time
29
ns
from HIGH Level Output
tPLZ
Output Disable Time
29
ns
from LOW Level Output
tPZH
Output Disable Time
311
ns
to HIGH Level Output
tPZL
Output Disable Time
316
ns
to LOW Level Output
Enable GAB
B
tPHZ
Output Disable Time
210
ns
from HIGH Level Output
tPLZ
Output Disable Time
211
ns
from LOW Level Output


Similar Part No. - DM74AS652WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74AS652WM FAIRCHILD-DM74AS652WM Datasheet
70Kb / 8P
   Octal Bus Transceiver and Register
DM74AS652WM FAIRCHILD-DM74AS652WM Datasheet
71Kb / 8P
   Octal Bus Transceiver and Register
More results

Similar Description - DM74AS652WM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74AS651 FAIRCHILD-DM74AS651 Datasheet
71Kb / 8P
   Octal Bus Transceiver and Register
DM74AS651 FAIRCHILD-DM74AS651 Datasheet
70Kb / 8P
   Octal Bus Transceiver and Register
DM74AS646 FAIRCHILD-DM74AS646 Datasheet
84Kb / 8P
   Octal Bus Transceiver and Register
DM74ALS646 FAIRCHILD-DM74ALS646_01 Datasheet
60Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
DM74ALS646 FAIRCHILD-DM74ALS646 Datasheet
56Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
DM74ALS652 FAIRCHILD-DM74ALS652 Datasheet
57Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
DM74ALS652-01 FAIRCHILD-DM74ALS652-01 Datasheet
61Kb / 6P
   Octal 3-STATE Bus Transceiver and Register
logo
Toshiba Semiconductor
TC74HC646AP TOSHIBA-TC74HC646AP Datasheet
307Kb / 7P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT646AP TOSHIBA-TC74HCT646AP Datasheet
277Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
TC74HCT652AP TOSHIBA-TC74HCT652AP Datasheet
279Kb / 6P
   OCTAL BUS TRANSCEIVER/REGISTER(3-STATE)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com