Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA1M0680RBYDTU Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KA1M0680RBYDTU
Description  Fairchild Power Switch(FPS)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA1M0680RBYDTU Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KA1M0680RBYDTU Datasheet HTML 1Page - Fairchild Semiconductor KA1M0680RBYDTU Datasheet HTML 2Page - Fairchild Semiconductor KA1M0680RBYDTU Datasheet HTML 3Page - Fairchild Semiconductor KA1M0680RBYDTU Datasheet HTML 4Page - Fairchild Semiconductor KA1M0680RBYDTU Datasheet HTML 5Page - Fairchild Semiconductor KA1M0680RBYDTU Datasheet HTML 6Page - Fairchild Semiconductor KA1M0680RBYDTU Datasheet HTML 7Page - Fairchild Semiconductor KA1M0680RBYDTU Datasheet HTML 8Page - Fairchild Semiconductor KA1M0680RBYDTU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev.1.0.2
Features
• Precision fixed operating frequency
• KA1M0680B,KA1M0680RB (67KHz)
• KA1H0680B,KA1H0680RFB (100KHz)
• Pulse by pulse over current limiting
• Over load protection
• Over voltage protection (Min. 23V)
• Internal thermal shutdown function
• Under voltage lockout
• Internal high voltage sense FET
• Latch up mode (KA1M0680B,KA1H0680B)
• Auto restart (KA1M0680RB,KA1H0680RFB)
• Soft start
Description
The Fairchild Power Switch(FPS) product family is specially
designed for an off-line SMPS with minimal external
components. The Fairchild Power Switch(FPS) consist of high
voltage power SenseFET and current mode PWM controller IC.
PWM controller features integrated fixed oscillator, under
voltage lock out, leading edge blanking, optimized gate turn-on/
turn-off driver, thermal shut down protection, over voltage
protection, temperature compensated precision current sources
for loop compensation and fault protection circuit. compared to
discrete MOSFET and controller or RCC switching converter
solution, a Fairchild Power Switch(FPS) can reduce total
component count, design size, weight and at the same time
increase & efficiency, productivity, and system reliability. It has
a basic platform well suited for cost effective design in either a
flyback converter or a forward converter.
TO-3PF-5L
1.DRAIN 2.GND 3.VCC 4.FB 5.Soft Start
TO-3P-5L
1
1
Internal Block Diagram
#3 VCC
32V
5
µA
5V
2.5R
1R
1mA
0.1V
+
OVER VOLTAGE S/D
+
7.5V
25V
Thermal S/D
S
R
Q
Power on reset
+
L.E.B
S
R
Q
OSC
5V
Vref
Internal
bias
Good
logic
SFET
#1 DRAIN
#2 GND
#4 FB
#5 Soft Start
9V
KA1M0680B/KA1M0680RB/
KA1H0680B/KA1H0680RFB
Fairchild Power Switch(FPS)


Similar Part No. - KA1M0680RBYDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0680RB FAIRCHILD-KA1M0680RB Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA1M0680RB-TU FAIRCHILD-KA1M0680RB-TU Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA1M0680RB-YDTU FAIRCHILD-KA1M0680RB-YDTU Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
More results

Similar Description - KA1M0680RBYDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com