Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-2406Z Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-2406Z
Description  Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST짰, SMA, SC and FC Ports
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-2406Z Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-2406Z Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-2406Z Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-2406Z Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-2406Z Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HFBR-2406Z Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HFBR-2406Z Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HFBR-2406Z Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HFBR-2406Z Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HFBR-2406Z Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
5 MBd Logic Link Design
The resistor R1 is the only significant element in the drive
circuit (see Figure 2) that limits the current through the
LED, apart from the gate´s output port. Depending
on the actual gate used, the voltage drop on the output
port Vport could be neglected. The forward voltage val-
ue, VF, of the LED depends on the desired LED current
and on the temperature (see Figure 9). Make sure you
take this behavior into account for the calculations.
The curves in Figure 3, Figure 4, and Figure 5 are con-
structed assuming no inline splice or any additional
system loss. Besides fiber attenuation, for correct power
budget calculation, make sure you take into account the
effect of bending, humidity, ambient temperature, aging
and other relevant influences. All these additional losses
reduce the achievable link distance accordingly.
For calculating the LED´s aging effect, an additional loss
of about 1.5 dB is recognized.
The following example will illustrate the technique for
selecting the appropriate value of IF and R1:
Figure 2. Typical Circuit Configuration
The following diagrams (Figure 3 to Figure 5) serve as an
aid in Link Design and are based on theoretical calcula-
tions. For broad use, no additional effects such as aging
were taken into account. The additional losses and the
individual safety buffer values should be added sepa-
rately. These diagrams reflect the pure viewing of power
budget and do not allows conclusions about the actual
link quality.
Overdrive: Maximum optical output power of Tx com-
bined with receiver sensitivity of -10 dBm over the entire
temperature range.
Typical 25
°C: Typical optical output power of Tx com-
bined with receiver sensitivity of -25.4 dBm at TA = 25 °C.
Worst Case: Minimum optical output power of Tx com-
bined with receiver sensitivity of -24 dBm over the entire
temperature range.
Maximum distance required = 2000 meters by using
HFBR-14x4Z/24x2Z logic link with 62.5/125
µm fiber.
Figure 4 shows the“worst-case”drive current of about 43
mA for reaching a distance of about 2000 meters.
Figure 9 shows the transmitter forward voltage of about
VF = 1.62 V. If the typical circuit configuration (Figure 2)
is used at Vcc = 5.0 V, the resistor value “R1” should be
choosen to 78.6
Ω (3.38 V/43 mA) for reaching driver
current of about 43 mA.
Page 16 shows the guaranteed HFBR-14x4Z´s optical
output power limit of -16.0 dBm (for driver current of 60
mA) over the entire temperature range.
Figure 10 shows the normalized typical output power.
When the transmitter will be driven with 43 mA the opti-
cal output power is about 0.70 or -1.55 dB lower than at
60 mA.
With an assumed fiber attenuation of 3.2 dB/km and the
reduced driver current of 43 mA, the minimum optical
output power at fiber end is about -24 dBm, which is
equal to the receiver sensitivity over the entire tempera-
ture range.
For balancing the individual additional system losses, the
driver current must be increased accordingly.
-
=
I
V
V
R
F
F
CC
1
+5 V
SELECT R
1 TO SET IF
R
1
I
F
1 K
DATA IN
½ 75451
2
6
7
3
T
HFBR-14xxZ
TRANSMITTER
TRANSMISSION
DISTANCE =
HFBR-24x2Z
RECEIVER
R
TTL DATA OUT
2
6
7 & 3
R
L
V
CC
0.1 µF
Note:
A bypass capacitor (0.01
µF to 0.1 µF ceramic) must be connected from pin 2 to pin 7 of the receiver. Total lead length between both ends of
the capacitor and the pins should not exceed 20 mm.


Similar Part No. - HFBR-2406Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2406Z AVAGO-HFBR-2406Z Datasheet
315Kb / 25P
   RoHS Compliant
logo
Broadcom Corporation.
HFBR-2406Z BOARDCOM-HFBR-2406Z Datasheet
391Kb / 25P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC, and FC Ports
More results

Similar Description - HFBR-2406Z

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-14XXZ BOARDCOM-HFBR-14XXZ Datasheet
391Kb / 25P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC, and FC Ports
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2404Z AVAGO-HFBR-2404Z Datasheet
723Kb / 24P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC and FC Ports
logo
Agilent(Hewlett-Packard...
HFBR-0400 HP-HFBR-0400 Datasheet
700Kb / 31P
   Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
logo
3M Electronics
8204 3M-8204 Datasheet
734Kb / 24P
   SC & FC/PC3 Pull-Proof Fiber Optic Connectors
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-2409Z AVAGO-AFBR-2409Z Datasheet
246Kb / 6P
   50 MBd Miniature Link Fiber Optic Receiver
AFBR-24X8XZ AVAGO-AFBR-24X8XZ Datasheet
239Kb / 6P
   DC-50MBd Miniature Link Fiber Optic Receiver
AFBR-24X9XZ AVAGO-AFBR-24X9XZ Datasheet
246Kb / 6P
   50 MBd Miniature Link Fiber Optic Receiver
logo
Broadcom Corporation.
HFBR-0400TZ BOARDCOM-HFBR-0400TZ Datasheet
382Kb / 3P
   Threaded ST Port Option for Low-Cost Miniature Link Components
June 14, 2017
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2414Z AVAGO-HFBR-2414Z Datasheet
1Mb / 2P
   Threaded ST Port Option for Low Cost Miniature Link Components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com