Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-2416MZ Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-2416MZ
Description  Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST짰, SMA, SC and FC Ports
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-2416MZ Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-2416MZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-2416MZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-2416MZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-2416MZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-2416MZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HFBR-2416MZ Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HFBR-2416MZ Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HFBR-2416MZ Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HFBR-2416MZ Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
Typical Link Data
The following technical data is taken from 5MBd and
155MBd link using the 820nm Miniature Link Series. This
data is meant to be regarded as an example of typical link
performance for a given design and does not call out any
link limitations.
5 MBd Link (HFBR-14xxZ/24x2Z)
Link Performance -40 °C to +85 °C unless otherwise specified
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Reference
Optical Power Budget
with 50/125
µm fiber
OPB50
4.2
9.6
dB
HFBR-14x4Z/24x2Z
NA = 0.2
Note 1
Optical Power Budget
with 62.5/125
µm fiber
OPB62.5 8.0
15
dB
HFBR-14x4Z/24x2Z
NA = 0.27
Note 1
Optical Power Budget
with 100/140
µm fiber
OPB100 8.0
15
dB
HFBR-14x2Z/24x2Z
NA = 0.30
Note 1
Optical Power Budget
with 200
µm fiber
OPB200 13.0
20
dB
HFBR-14x2Z/24x2Z
NA = 0.37
Note 1
Data Rate
dc
5
MBd
Note 2
Propagation Delay
LOW to HIGH
tPLH
72
ns
TA = +25 °C
PR = -21 dBm peak
Fiber cable length
= 1 m
Figures
6, 7, 8
Propagation Delay
HIGH to LOW
tPHL
46
ns
System Pulse Width
Distortion
tPLH -
tPHL
26
ns
Bit Error Rate
BER
10-9
Data rate < 5 MBd
PR > -24 dBm peak
Notes:
1. Optical Power Board at TA = -40 to +85 °C, VCC = 5.0 V dc, IF ON = 60 mA. PR = -24 dBm peak.
2. Data rate limit is based on these assumptions:
a. 50% duty factor modulation, e.g., Manchester I or BiPhase Manchester II
b. Continuous data
c. PLL Phase Lock Loop demodulation
d. TTL threshold.


Similar Part No. - HFBR-2416MZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2416MZ AVAGO-HFBR-2416MZ Datasheet
315Kb / 25P
   RoHS Compliant
logo
Broadcom Corporation.
HFBR-2416MZ BOARDCOM-HFBR-2416MZ Datasheet
391Kb / 25P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC, and FC Ports
More results

Similar Description - HFBR-2416MZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-14XXZ BOARDCOM-HFBR-14XXZ Datasheet
391Kb / 25P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC, and FC Ports
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2404Z AVAGO-HFBR-2404Z Datasheet
723Kb / 24P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC and FC Ports
logo
Agilent(Hewlett-Packard...
HFBR-0400 HP-HFBR-0400 Datasheet
700Kb / 31P
   Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
logo
3M Electronics
8204 3M-8204 Datasheet
734Kb / 24P
   SC & FC/PC3 Pull-Proof Fiber Optic Connectors
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-2409Z AVAGO-AFBR-2409Z Datasheet
246Kb / 6P
   50 MBd Miniature Link Fiber Optic Receiver
AFBR-24X8XZ AVAGO-AFBR-24X8XZ Datasheet
239Kb / 6P
   DC-50MBd Miniature Link Fiber Optic Receiver
AFBR-24X9XZ AVAGO-AFBR-24X9XZ Datasheet
246Kb / 6P
   50 MBd Miniature Link Fiber Optic Receiver
logo
Broadcom Corporation.
HFBR-0400TZ BOARDCOM-HFBR-0400TZ Datasheet
382Kb / 3P
   Threaded ST Port Option for Low-Cost Miniature Link Components
June 14, 2017
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2414Z AVAGO-HFBR-2414Z Datasheet
1Mb / 2P
   Threaded ST Port Option for Low Cost Miniature Link Components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com