Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV321 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # LMV321
Description  General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LMV321 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  LMV321 Datasheet HTML 1Page - Fairchild Semiconductor LMV321 Datasheet HTML 2Page - Fairchild Semiconductor LMV321 Datasheet HTML 3Page - Fairchild Semiconductor LMV321 Datasheet HTML 4Page - Fairchild Semiconductor LMV321 Datasheet HTML 5Page - Fairchild Semiconductor LMV321 Datasheet HTML 6Page - Fairchild Semiconductor LMV321 Datasheet HTML 7Page - Fairchild Semiconductor LMV321 Datasheet HTML 8Page - Fairchild Semiconductor LMV321 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Features at +2.7V
•80
µA supply current per channel
• 1.2MHz gain bandwidth product
• Output voltage range: 0.01V to 2.69V
• Input voltage range: -0.25V to +1.5V
• 1.5V/
µs slew rate
• LMV321 directly replaces other industry standard LMV321
amplifiers; available in SC70-5 and SOT23-5 packages
• LMV358 directly replaces other industry standard LMV358
amplifiers; available in MSOP-8 and SOIC-8 packages
• LMV324 directly replaces other industry standard LMV324
amplifiers; available in TSSOP-14 and SOIC-14 packages
• Fully specified at +2.7V and +5V supplies
• Operating temperature range: -40°C to +125°C
Applications
• Low cost general purpose applications
• Cellular phones
• Personal data assistants
• A/D buffer
• DSP interface
• Smart card readers
• Portable test instruments
• Keyless entry
• Infrared receivers for remote controls
• Telephone systems
• Audio applications
• Digital still cameras
• Hard disk drives
• MP3 players
Description
The LMV321 (single), LMV358 (dual), and LMV324 (quad)
are a low cost, voltage feedback amplifiers that consume only
80
µA of supply current per amplifier. The LMV3XX family
is designed to operate from 2.7V (±1.35V) to 5.5V (±2.75V)
supplies. The common mode voltage range extends below the
negative rail and the output provides rail-to-rail performance.
The LMV3XX family is designed on a CMOS process and
provides 1.2MHz of bandwidth and 1.5V/
µs of slew rate at a
low supply voltage of 2.7V. The combination of low power,
rail-to-rail performance, low voltage operation, and tiny pack-
age options make the LMV3XX family well suited for use in
personal electronics equipment such as cellular handsets,
pagers, PDAs, and other battery powered applications.
LMV321, LMV358, LMV324
General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
www.fairchildsemi.com
REV. 1A April 2004
+
-
LMV3XX
Rf
0.01
µF
6.8
µF
Out
+In
+Vs
+
Rg
Typical Application
Frequency Response vs. CL
Frequency (MHz)
0.01
0.1
1
10
CL = 200pF
Rs = 0
CL = 20pF
Rs = 0
CL = 200pF
Rs = 225Ω
CL = 100pF
Rs = 0
CL = 10pF
Rs = 0
CL = 2pF
Rs = 0
CL = 50pF
Rs = 0
+
-
10k
10k
Rs
CL
2k


Similar Part No. - LMV321

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV321 NSC-LMV321 Datasheet
1Mb / 27P
   General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI1-LMV321 Datasheet
1Mb / 30P
[Old version datasheet]   Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Guangdong Youtai Semico...
LMV321 UMW-LMV321 Datasheet
2Mb / 10P
   Low-Power rail-to-rail Operational Amplifier
logo
Texas Instruments
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321 Datasheet
624Kb / 16P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL
More results

Similar Description - LMV321

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LMV321 FAIRCHILD-LMV321_12 Datasheet
1Mb / 16P
   General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
logo
Unisonic Technologies
LLV321 UTC-LLV321 Datasheet
202Kb / 6P
   GENERAL PURPOSE, LOW VOLTAGE,RAIL-TO-RAIL OUTPUT AMPLIFIERS
LMV358 UTC-LMV358_05 Datasheet
269Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321_10 Datasheet
625Kb / 15P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
DS33196 Rev. 5 - 2
logo
Unisonic Technologies
LMV358 UTC-LMV358_09 Datasheet
459Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
UTCLMV358 UTC-UTCLMV358 Datasheet
925Kb / 9P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV324 UTC-LV324 Datasheet
184Kb / 6P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321 Datasheet
630Kb / 16P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
/LMV324 Rev. 1
logo
National Semiconductor ...
LMV321 NSC-LMV321 Datasheet
1Mb / 27P
   General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
L6132 UTC-L6132 Datasheet
390Kb / 11P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com