Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APF3024H Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # APF3024H
Description  Compliant with European standards 1a/1c 6A Slim power relays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

APF3024H Datasheet(HTML) 3 Page - Panasonic Semiconductor

  APF3024H Datasheet HTML 1Page - Panasonic Semiconductor APF3024H Datasheet HTML 2Page - Panasonic Semiconductor APF3024H Datasheet HTML 3Page - Panasonic Semiconductor APF3024H Datasheet HTML 4Page - Panasonic Semiconductor APF3024H Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
PF (APF)
ASCTB205E 201202-T
2. Specifications
Notes: *1. This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load.
*2. Wave is standard shock voltage of
±1.2×50µs according to JEC-212-1981
*3. The upper operation ambient temperature limit is the maximum temperature that can satisfy the coil temperature rise value. Refer to “Usage, transport and storage
conditions” in NOTES.
*4. For cycle lifetime, refer to “Cautions for use 4)” in NOTES.
Characteristic
Item
Specifications
Contact
Arrangement
1 Form A
1 Form C
Contact resistance (Initial)
Max. 100 m
Ω (By voltage drop 6 V DC 1A)
Contact material
AgNi type, AgNi type/Au-plated
Rating
Nominal switching capacity (resistive load)
6 A 250 V AC
Max. switching power (resistive load)
1,500 VA
Max. switching voltage
250V AC
Max. switching current
6 A (AC)
Nominal operating power
170 mW (5 to 24 V DC), 217 mW (48 V DC), 175 mW (60 V DC)
Min. switching capacity (Reference value)*1
100 mA 5 V DC (without Au-plated), 1 mA 1 V DC (with Au-plated)
Electrical
characteristics
Insulation resistance (Initial)
Min. 1,000M
Ω (at 500V DC)
Measurement at same location as “Breakdown voltage” section.
Breakdown voltage
(Initial)
Between open contacts
1,000 Vrms for 1 min. (Detection current: 10 mA)
Between contact and coil
4,000 Vrms for 1 min. (Detection current: 10 mA)
Surge breakdown voltage*2
(Between contact and coil) (Initial)
6,000 V
Temperature rise (coil) (at 20
°C 68°F)
Max. 45
°C 113°F
(By resistive method, nominal coil voltage applied to the coil; contact carrying current: 6A.)
Operate time (at 20
°C 68°F)
Max. 8 ms
(Nominal coil voltage applied to the coil, excluding contact bounce time.)
Release time (at 20
°C 68°F)
Max. 4 ms
(Nominal coil voltage applied to the coil, excluding contact bounce time.) (without diode)
Mechanical
characteristics
Shock resistance
Functional
Min. 98 m/s2
(Half-wave pulse of sine wave: 11 ms;
detection time: 10
µs)
Min. 49 m/s2
(Half-wave pulse of sine wave: 11 ms;
detection time: 10
µs)
Destructive
Min. 980 m/s2 (Half-wave pulse of sine wave: 11 ms.)
Vibration resistance
Functional
10 to 55 Hz at double amplitude of 1 mm (Detection time: 10
µs.)
Destructive
10 to 55 Hz at double amplitude of 1.5 mm
Expected life
Mechanical
Min. 5
×106 (at 180 times/min.)
Electrical*4
N.O.: Min. 5
×104
(at resistive load, 6 times/min. and
nominal switching capacity)
N.O.: Min. 5
×104, N.C.: Min. 3×104
(at resistive load, 6 times/min. and
nominal switching capacity)
Conditions
Conditions for operation, transport and storage*3
Ambient temperature: –40
°C to +85°C –40°F to +185°F;
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Unit weight
Approx. 5 g .18 oz


Similar Part No. - APF3024H

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
APF3024H PANASONIC-APF3024H Datasheet
77Kb / 5P
   Compliant with European standards 1a/1c 6A Slim power relays
More results

Similar Description - APF3024H

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
PF PANASONICBATTERY-PF Datasheet
77Kb / 5P
   Compliant with European standards 1a/1c 6A Slim power relays
logo
Panasonic Semiconductor
APF10324 PANASONIC-APF10324 Datasheet
77Kb / 5P
   Compliant with European standards 1a/1c 6A Slim power relays
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
DE1A-L-5V PANASONIC-DE1A-L-5V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A1B-12V PANASONIC-DE1A1B-12V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A-L2-24V PANASONIC-DE1A-L2-24V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A1B-L2-12V PANASONIC-DE1A1B-L2-12V Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
JS1-B-24V-F PANASONIC-JS1-B-24V-F Datasheet
74Kb / 4P
   1a/1c 10A cubic type power relays
JQ1APE-24V-H12 PANASONIC-JQ1APE-24V-H12 Datasheet
128Kb / 7P
   1a/1c 5A/10A small power relays
JS1-B-12V-F PANASONIC-JS1-B-12V-F Datasheet
102Kb / 5P
   1a/1c 10A cubic type power relays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com