Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALFG1PF181 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ALFG1PF181
Description  Automation Controls Catalog
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ALFG1PF181 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ALFG1PF181 Datasheet HTML 1Page - Panasonic Semiconductor ALFG1PF181 Datasheet HTML 2Page - Panasonic Semiconductor ALFG1PF181 Datasheet HTML 3Page - Panasonic Semiconductor ALFG1PF181 Datasheet HTML 4Page - Panasonic Semiconductor ALFG1PF181 Datasheet HTML 5Page - Panasonic Semiconductor ALFG1PF181 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Panasonic Corporation 2013
©
Panasonic Corporation Automation Controls Buisiness Division
industrial.panasonic.com/ac/e/
LF-G (ALFG)
–3–
ASCTB196E-1 201307-T
REFERENCE DATA
Standard type (Contact Gap 1.5 mm .059 inch type) (Contact Gap 1.8 mm .071 inch type)
1. Coil temperature rise
Sample: ALFG1PF09, ALFG1PF091, 6 pcs.
Point measured: coil inside
Ambient temperature: 20
°C 68°F, 60°C 140°F
Contact carrying current: 22A
2. Ambient temperature characteristics and coil
applied voltage
Coil applied voltage, %V
20
°C
60
°C 140°F 22A
60
°C 140°F 0A
68
°F 22A
20
°C 68°F 0A
140
120
100
80
60
100
80
60
40
20
180
140
100
60
0
Ambient temperature,
°C
Contact carrying
current: 22A
Pick-up voltage
Coil & contact
no carrying current
*Inside the coil temperature
155
°C 311°F (UL Class F)
Allowable ambient temperatures
against % coil voltages
(max. inside the coil temperature
set as 155
°C 311°F)
0
32
10
50
20
68
30
86
40
104
50
122
60
140
70
158
80
176
90
194
°F
3. Electrical life test
(22A 250V AC Resistive load)
Sample: ALFG1PF09, ALFG1PF091, 6 pcs.
Operation frequency: ON:OFF = 1.5s:1.5s
Ambient temperature: 85
°C 185°F
Circuit:
Change of pick-up and drop-out voltage
Change of contact resistance
250V AC
9V DC
3
0
10
9
8
7
6
5
4
3
2
1
0
Max.
Min.
x
Max.
Min.
x
No. of operations,
×104
Pick-up voltage
Drop-out voltage
No. of operations,
×104
3
0
100
90
80
70
60
50
40
30
20
10
0
Max.
Min.
x
4. Electrical life test
(22A 250V AC cos
φ = 0.8 Inductive load)
Sample: ALFG1PF09, ALFG1PF091, 6 pcs.
Operation frequency: ON:OFF = 0.1s:10s
Ambient temperature: 85
°C 185°F
Circuit:
Change of pick-up and drop-out voltage
Change of contact resistance
250V AC
9V DC
3
0
10
9
8
7
6
5
4
3
2
1
0
Max.
Min.
x
Max.
Min.
x
No. of operations,
×104
Pick-up voltage
Drop-out voltage
No. of operations,
×104
3
0
100
90
80
70
60
50
40
30
20
10
0
Max.
Min.
x


Similar Part No. - ALFG1PF181

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ALFG2PF12 PANASONIC-ALFG2PF12 Datasheet
112Kb / 5P
   Load for air conditioner 1a 20A power relays
More results

Similar Description - ALFG1PF181

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AYF564035 PANASONIC-AYF564035 Datasheet
563Kb / 10P
   Automation Controls Catalog
ADQM26012 PANASONIC-ADQM26012 Datasheet
77Kb / 3P
   Automation Controls Catalog
AXE710127 PANASONIC-AXE710127 Datasheet
428Kb / 11P
   Automation Controls Catalog
AXT510124 PANASONIC-AXT510124 Datasheet
483Kb / 13P
   Automation Controls Catalog
AXC61S5170 PANASONIC-AXC61S5170 Datasheet
533Kb / 10P
   Automation Controls Catalog
AXK520147YG PANASONIC-AXK520147YG Datasheet
428Kb / 15P
   Automation Controls Catalog
A35UH PANASONIC-A35UH Datasheet
404Kb / 10P
   Automation Controls Catalog
AXG106144 PANASONIC-AXG106144 Datasheet
510Kb / 13P
   Automation Controls Catalog
AXT140124 PANASONIC-AXT140124 Datasheet
461Kb / 11P
   Automation Controls Catalog
logo
OSRAM GmbH
SFH2711 OSRAM-SFH2711 Datasheet
975Kb / 16P
   Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com