Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA3S101A0L Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # DA3S101A0L
Description  Silicon epitaxial planar type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DA3S101A0L Datasheet(HTML) 1 Page - Panasonic Semiconductor

  DA3S101A0L Datasheet HTML 1Page - Panasonic Semiconductor DA3S101A0L Datasheet HTML 2Page - Panasonic Semiconductor DA3S101A0L Datasheet HTML 3Page - Panasonic Semiconductor DA3S101A0L Datasheet HTML 4Page - Panasonic Semiconductor DA3S101A0L Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Product Standards
Switching Diode
DA3S101A0L
Absolute Maximum Ratings Ta = 25
C
Forward current
Peak forward current
Note) *1: 50 Hz sine wave 1 cycle ( Non-repetitive peak current )
Page
Junction temperature
Tj
°C
mA
IFM
mA
Non-repetitive peak forward surge current
*1
IFSM
mA
100
Storage temperature
Tstg
°C
-55 to +150
225
500
150
+85
°C
IF
Internal Connection
V
Embossed type (Thermo-compression sealing) :
Code
1.
Maximum peak reverse voltage
VRM
80
Parameter
Symbol
Rating
Unit
V
4
Unit: mm
1
Small reverse current IR
Halogen-free / RoHS compliant
of
(EU RoHS / UL-94 V-0 / MSL:Level 1 compliant)
Short reverse recovery time trr
SSMini3-F3-B
JEITA
SC-89
pcs / reel (standard)
SOT-490
Panasonic
DA3S101A0L
Silicon epitaxial planar type
For high speed switching circuits
DA3J101A in SSMini3 type package
Features
Cathode
2. NC
Anode
3.
80
Marking Symbol: 20
Packaging
Reverse voltage
VR
3 000
Operating ambient temperature
Topr
-40 to
1.6
0.7
0.13
0.26
(0.5)
1.0
12
3
(0.5)
12
3
Doc No. TT4-EA-11852
Revision. 4
Established : 2009-11-17
Revised
: 2013-06-06


Similar Part No. - DA3S101A0L

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
DA3S101F0L PANASONICBATTERY-DA3S101F0L Datasheet
317Kb / 5P
   Silicon epitaxial planar type
logo
Panasonic Semiconductor
DA3S101K0L PANASONIC-DA3S101K0L Datasheet
317Kb / 5P
   Silicon epitaxial planar type
More results

Similar Description - DA3S101A0L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
MA2SD24 PANASONIC-MA2SD24 Datasheet
77Kb / 3P
   Silicon epitaxial planar type
MA3S795E PANASONIC-MA3S795E Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X075E PANASONIC-MA3X075E Datasheet
41Kb / 2P
   Silicon epitaxial planar type
MA3X199 PANASONIC-MA3X199 Datasheet
46Kb / 2P
   Silicon epitaxial planar type
MA3X789 PANASONIC-MA3X789 Datasheet
45Kb / 2P
   Silicon epitaxial planar type
MA3ZD12 PANASONIC-MA3ZD12 Datasheet
40Kb / 2P
   Silicon epitaxial planar type
MA2Q739 PANASONIC-MA2Q739 Datasheet
44Kb / 2P
   Silicon epitaxial planar type
MA2X073 PANASONIC-MA2X073 Datasheet
39Kb / 2P
   Silicon epitaxial planar type
MA2X334 PANASONIC-MA2X334 Datasheet
45Kb / 3P
   Silicon epitaxial planar type
MA3J142A PANASONIC-MA3J142A Datasheet
47Kb / 2P
   Silicon epitaxial planar type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com