Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARE13A09NIL Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ARE13A09NIL
Description  2.6 GHz SMALL MICROWAVE RELAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ARE13A09NIL Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ARE13A09NIL Datasheet HTML 1Page - Panasonic Semiconductor ARE13A09NIL Datasheet HTML 2Page - Panasonic Semiconductor ARE13A09NIL Datasheet HTML 3Page - Panasonic Semiconductor ARE13A09NIL Datasheet HTML 4Page - Panasonic Semiconductor ARE13A09NIL Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
RE (ARE)
ASCTB104E 201202-T
DIMENSIONS (mm inch)
1-(2). High frequency characteristics (Impedance 75
Ω) (Standard PC board terminal)
• V.S.W.R. characteristics
• Insertion loss characteristics
• Isolation characteristics
1
1.9
2.0
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
900MHz
3GHz
COM-NC
COM-NO
Frequency
1.0
0.1
0
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
900MHz
3GHz
COM-NC
COM-NO
Frequency
100
10
0
20
30
40
50
60
70
80
90
900MHz
3GHz
COM-NO
COM-NC
Frequency
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
1. Standard PC board terminal (50
Ω, 75Ω type)
General tolerance:
±0.3 ±.012
2.54
0.5
(2.09)
7.62
(1.49)
Stand off
11.2
8.6
0.3
3.0
0.3
0.3
20.2
.441
.339
.012
.118
.012
.012
.100
.020
.300
.795
(.082)
(.059)
Schematic (Bottom view)
(Deenergized condition)
NC
Direction indication
COM
NO
8
9
10
11
12
13
14
7
1
CAD Data
2. Surface mount terminal
• 50
Ω type
General tolerance:
±0.3 ±.012
(2.09)
7.62
(1.49)
9.6
0.3
0.3
8.6
0.3
11.2
.020
.162
0.5
4.12
.041
0.5
4.12
1.04
1.04
.020
.162
.041
(1.3)
13.2 ±0.5
(0.7)
1.04
1.04
0.5
3.5
14.74
20.2
.138
.580
.795
(.082)
(.059)
.300
.378
.012
.012
.339
.012
(.511)
(.028)
.441
.520 ±.020
.041
.041
.020
Schematic (Top view)
(Deenergized condition)
8
9
14 13 12 11 10
7
1
NO
COM
NC
Direction indication
CAD Data


Similar Part No. - ARE13A09NIL

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ARE13A09 NAIS-ARE13A09 Datasheet
113Kb / 3P
   2.6 GHz 75??RELAYS FOR BROADCASTING INDUSTRY
ARE13A09Z NAIS-ARE13A09Z Datasheet
113Kb / 3P
   2.6 GHz 75??RELAYS FOR BROADCASTING INDUSTRY
More results

Similar Description - ARE13A09NIL

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ARE1303 NAIS-ARE1303 Datasheet
113Kb / 3P
   2.6 GHz 75??RELAYS FOR BROADCASTING INDUSTRY
logo
Johanson Technology Inc...
2593BP44B186E JOHANSON-2593BP44B186E Datasheet
89Kb / 2P
   2.6 GHz Band Pass Filter
2595FB39A0050 JOHANSON-2595FB39A0050 Datasheet
126Kb / 2P
   2.6 GHz Balun/Filter Combination
2598BP39A0205 JOHANSON-2598BP39A0205 Datasheet
119Kb / 2P
   2.6 GHz Band Pass Filter
2600AT44A0600 JOHANSON-2600AT44A0600 Datasheet
307Kb / 4P
   2.6 GHz Wideband Chip Antenna
2593BP44B186 JOHANSON-2593BP44B186 Datasheet
89Kb / 2P
   2.6 GHz Band Pass Filter
logo
Skyworks Solutions Inc.
DC25-73 SKYWORKS-DC25-73 Datasheet
171Kb / 4P
   Directional Coupler 2.3-2.6 GHz
logo
Johanson Technology Inc...
2600CF15A0200 JOHANSON-2600CF15A0200 Datasheet
140Kb / 4P
   2.6 GHz Directional Coupler / Filter Combination
logo
Panasonic Semiconductor
ARS144H PANASONIC-ARS144H Datasheet
375Kb / 12P
   3 GHz MICROWAVE RELAYS Miniature size Lineup includes 50/75廓 type
logo
Johanson Technology Inc...
2595FB16A0100 JOHANSON-2595FB16A0100 Datasheet
207Kb / 2P
   2.6 GHz 1:2 Balun/Filter Combination
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com