Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARE10A4HZ Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ARE10A4HZ
Description  2.6 GHz SMALL MICROWAVE RELAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ARE10A4HZ Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ARE10A4HZ Datasheet HTML 1Page - Panasonic Semiconductor ARE10A4HZ Datasheet HTML 2Page - Panasonic Semiconductor ARE10A4HZ Datasheet HTML 3Page - Panasonic Semiconductor ARE10A4HZ Datasheet HTML 4Page - Panasonic Semiconductor ARE10A4HZ Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
RE (ARE)
ASCTB104E 201202-T
NOTES
• 75
Ω type
General tolerance:
±0.3 ±.012
20.2
2.54
0.5
(2.09)
7.62
(1.49)
11.2
(0.7)
(1.3)
8.6
0.3
9.6
13.2 ±0.5
.520 ±.020
0.3
0.3
.441
.339
.012
.378
.012
.012
(.082)
(.059)
.795
.100
.020
.300
(.028)
(.511)
Note: Please consult us regarding recommended PC board patterns.
Schematic (Top view)
(Deenergized condition)
NO
COM
NC
17
8
11 10 9
12
13
14
Direction indication
CAD Data
1. Coil operating power
Pure DC current should be applied to the
coil. The wave form should be
rectangular. If it includes ripple, the ripple
factor should be less than 5%.
However, check it with the actual circuit
since the characteristics may be slightly
different.
2. Cleaning
For automatic cleaning, the boiling
method is recommended. Avoid
ultrasonic cleaning which subjects the
relays to high frequency vibrations, which
may cause the contacts to stick.
It is recommended that alcoholic solvents
be used.
3. Soldering
(Standard PC board terminal)
1) The manual soldering shall be
performed under following condition.
Max. 260°C 500°F 10s
Max. 350°C 662°F 3s
The affect of the PCB on the relay will
differ depending on the type of PCB
used. Please verify the type of PCB to be
used.
Preheat according to the following
conditions.
Soldering should be done at 260±5°C
500±9°F within 6 s.
2) In case of automatic soldering, the
following conditions should be observed
(Surface-mount terminal)
(1) Position of measuring temperature
(2) IR (infrared reflow) soldering method
Temperature rise of relay itself may vary
according to the mounting level or the
heating method of reflow equipment.
Therefore, please set the temperature of
soldering portion of relay terminal and
the top surface of the relay case not to
exceed the above mentioned soldering
condition.
It is recommended to check the
temperature rise of each portion under
actual mounting condition before use.
4. Packing style
1) Tape dimensions
2) Dimensions of plastic reel
5. Conditions for operation, transport
and storage conditions
1) Ambient temperature, humidity, and
atmospheric pressure during usage,
transport, and storage of the relay:
(1) Temperature:
–40 to +70°C –40 to +158°F
(2) Humidity: 5 to 85% RH
(Avoid freezing and condensation.)
The humidity range varies with the
temperature. Use within the range
indicated in the graph below.
(3) Atmospheric pressure: 86 to 106 kPa
Temperature and humidity range for
usage, transport, and storage:
2) Condensation
Condensation forms when there is a
sudden change in temperature under
high temperature and high humidity
conditions. Condensation will cause
deterioration of the relay insulation.
3) Freezing
Condensation or other moisture may
freeze on the relay when the temperature
is lower than 0°C 32°F. This causes
problems such as sticking of movable
parts or operational time lags.
4) Low temperature, low humidity
environments
The plastic becomes brittle if the relay is
exposed to a low temperature, low
humidity environment for long periods of
time.
Temperature
120°C 248°F or less
Time
Within 2 minute
A
A: Surface of PC board where relay is mounted.
T1
T2
T3
t1
t2
T1=
T2=
T3=
t1=
t2=
155 to 165
°C
180 to 200
°C
245
°C max.
within 120s
within 30s
311 to 329
°F
356 to 392
°F
473
°F max.
Tape coming out direction
Relay polarity bar
44±
0.3
2.0±
0.15
40.4
20.2
1.75
0.4
4
13.85
20.0
1.5 .059
1.7
R0.75
20.75
10.6+
0.2
−0.3
.417+
.008
−.012
RE Relay
1.5+
0.1
−0
dia.
.059+
.004
−0
1.732±
.012
.079±
.006
1.591
.795
.069
.016
.157
.545
.787
.067
.030
.817
380±
0.2
21±
0.8 dia.
13±
0.2 dia.
2.0±
0.5
Max. 95
Max. 51.7
45.5+
0.2
−0
1.791+
.008
−0
14.961±
.008
.827±
.031 dia.
.512±
.008 dia.
.079±
.020
3.740
2.035
For general cautions for use, please
refer to the “General Application
Guidelines”.
Humidity, %R.H.
Tolerance range
85
5
070
–40
+32
+158
–40
(Avoid
condensation
when used at
temperatures
higher than
0
°C
(Avoid freezing
when used at
temperatures
lower than
0
°C 32°F)
Temperature,
°C °F
32
°F)


Similar Part No. - ARE10A4HZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ARE1-8930-00000 BOARDCOM-ARE1-8930-00000 Datasheet
853Kb / 10P
   High Power Infrared Emitting Diodes
ARE1-89C0-00000 BOARDCOM-ARE1-89C0-00000 Datasheet
853Kb / 10P
   High Power Infrared Emitting Diodes
ARE1-89D0-00000 BOARDCOM-ARE1-89D0-00000 Datasheet
853Kb / 10P
   High Power Infrared Emitting Diodes
ARE1-8F30-00000 BOARDCOM-ARE1-8F30-00000 Datasheet
853Kb / 10P
   High Power Infrared Emitting Diodes
ARE1-8FC0-00000 BOARDCOM-ARE1-8FC0-00000 Datasheet
853Kb / 10P
   High Power Infrared Emitting Diodes
More results

Similar Description - ARE10A4HZ

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ARE1303 NAIS-ARE1303 Datasheet
113Kb / 3P
   2.6 GHz 75??RELAYS FOR BROADCASTING INDUSTRY
logo
Johanson Technology Inc...
2593BP44B186E JOHANSON-2593BP44B186E Datasheet
89Kb / 2P
   2.6 GHz Band Pass Filter
2595FB39A0050 JOHANSON-2595FB39A0050 Datasheet
126Kb / 2P
   2.6 GHz Balun/Filter Combination
2598BP39A0205 JOHANSON-2598BP39A0205 Datasheet
119Kb / 2P
   2.6 GHz Band Pass Filter
2600AT44A0600 JOHANSON-2600AT44A0600 Datasheet
307Kb / 4P
   2.6 GHz Wideband Chip Antenna
2593BP44B186 JOHANSON-2593BP44B186 Datasheet
89Kb / 2P
   2.6 GHz Band Pass Filter
logo
Skyworks Solutions Inc.
DC25-73 SKYWORKS-DC25-73 Datasheet
171Kb / 4P
   Directional Coupler 2.3-2.6 GHz
logo
Johanson Technology Inc...
2600CF15A0200 JOHANSON-2600CF15A0200 Datasheet
140Kb / 4P
   2.6 GHz Directional Coupler / Filter Combination
logo
Panasonic Semiconductor
ARS144H PANASONIC-ARS144H Datasheet
375Kb / 12P
   3 GHz MICROWAVE RELAYS Miniature size Lineup includes 50/75廓 type
logo
Johanson Technology Inc...
2595FB16A0100 JOHANSON-2595FB16A0100 Datasheet
207Kb / 2P
   2.6 GHz 1:2 Balun/Filter Combination
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com