Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1735F Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AM1735F
Description  HIGH CONTACT CAPACITY, PRECISE OPERATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AM1735F Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AM1735F Datasheet HTML 1Page - Panasonic Semiconductor AM1735F Datasheet HTML 2Page - Panasonic Semiconductor AM1735F Datasheet HTML 3Page - Panasonic Semiconductor AM1735F Datasheet HTML 4Page - Panasonic Semiconductor AM1735F Datasheet HTML 5Page - Panasonic Semiconductor AM1735F Datasheet HTML 6Page - Panasonic Semiconductor AM1735F Datasheet HTML 7Page - Panasonic Semiconductor AM1735F Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AM1
OPERATING CHARACTERISTICS
Standard types
Standard types (cont' d)
One way types
Reversed action types
Oil tight types
Types of actuator
Pin plunger
Overtravel plunger
Compact overtravel
plunger
Panel mount plunger
Operating force, max.
3.63 N
Release force, min.
1.12 N
Pretravel, max. mm
0.4
Movement differential, max. mm
0.05
Overtravel, min. mm
0.13
1.5
1.5
5.6
Operating position, mm
15.9
±0.4
28.2
±0.5
21.2
±0.5
21.8
±0.8
Types of actuator
Panel mount roller
plunger
Panel mount cross roller
plunger
Flexible leaf lever
Flexible roller leaf lever
Operating force, max.
3.63 N
1.47 N
Release force, min.
1.12 N
0.14 N
Pretravel, max. mm
0.4
4
Movement differential, max. mm
0.05
1.3
Overtravel, min. mm
3.6
1.6
Operating position, mm
33.3
±1.2
17.5
±0.8
28.6
±0.8
Types of actuator
Rigid lever
Rigid short roller lever
Rigid roller lever
Operating force, max.
0.69 N
1.57 N
0.98 N
Release force, min.
0.14 N
0.42 N
0.2 N
Pretravel, max. mm
10
4.5
7.5
Movement differential, max. mm
1.3
0.7
1.3
Overtravel, min. mm
5.6
2.4
3.6
Operating position, mm
19.1
±0.7
30.2
±0.4
30.2
±0.7
Types of actuator
Rigid short roller lever
Rigid roller lever
Operating force, max.
2.23 N
1.67 N
Release force, min.
0.42 N
0.42 N
Pretravel, max. mm
3.5
4.5
Movement differential, max. mm
0.4
0.5
Overtravel, min. mm
1.5
2.4
Free position, max. mm
31.8
43.3
Operating position, mm
30.2
±0.4
41.3
±0.4
Types of actuator
Rigid lever
Rigid short roller lever
Rigid roller lever
Operating force, max.
1.67 N
5.30 N
2.35 N
Release force, min.
0.27 N
1.67 N
0.56 N
Pretravel, max. mm
5.0
2.5
3.6
Movement differential, max. mm
0.9
0.4
0.7
Overtravel, min. mm
5.6
2.0
4.0
Operating position, mm
19.1
±0.8
30.2
±0.5
30.2
±0.8
Types of actuator
Rigid lever
Rigid short roller lever
Rigid roller lever
Operating force, max.
0.69 N
1.67 N
0.98 N
Release force, min.
0.14 N
0.42 N
0.20 N
Pretravel, max. mm
10
4.5
7.5
Movement differential, max. mm
1.5
0.7
1.3
Overtravel, min. mm
5.6
2.4
3.6
Operating position, mm
19.1
±0.7
30.2
±0.4
30.2
±0.7
AECTB8E 201201-T
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e


Similar Part No. - AM1735F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM1702A ETC1-AM1702A Datasheet
257Kb / 7P
   256 X 8 BIT PROGRAMMABLE ROM
AM1702A-1 ETC1-AM1702A-1 Datasheet
257Kb / 7P
   256 X 8 BIT PROGRAMMABLE ROM
AM1702A-2 ETC1-AM1702A-2 Datasheet
257Kb / 7P
   256 X 8 BIT PROGRAMMABLE ROM
AM1702AL ETC1-AM1702AL Datasheet
257Kb / 7P
   256 X 8 BIT PROGRAMMABLE ROM
AM1702AL-1 ETC1-AM1702AL-1 Datasheet
257Kb / 7P
   256 X 8 BIT PROGRAMMABLE ROM
More results

Similar Description - AM1735F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FXE ETC2-FXE Datasheet
54Kb / 2P
   Low Profile Compact Size / High Contact Capacity
logo
DB Lectro Inc
NVF4-5 DBLECTRO-NVF4-5_05 Datasheet
294Kb / 2P
   Contact load capacity up to 30A
NVF4-6 DBLECTRO-NVF4-6 Datasheet
327Kb / 2P
   Contact load capacity up to 150A
NVF4-5 DBLECTRO-NVF4-5 Datasheet
119Kb / 2P
   Contact load capacity up to 30A
logo
Panasonic Semiconductor
AEV110122 PANASONIC-AEV110122 Datasheet
203Kb / 9P
   Capsule contact Mechanism and High-capacity Cut-off Compact Relay
logo
Grayhill, Inc
05001-02 GRAYHILL-05001-02 Datasheet
59Kb / 1P
   High Contact Force Provides Stable Electrical and Mechanical Operation
logo
BCD Semiconductor Manuf...
AZ574 BCDSEMI-AZ574 Datasheet
109Kb / 2P
   33V HIGH PRECISE VOLTAGE REFERENCE
logo
ALPS ELECTRIC CO.,LTD.
SKPR ALPS-SKPR Datasheet
935Kb / 3P
   High Operation Force, Low Contact Resistance (Surface Mount Type)
logo
Mospec Semiconductor
HER206 MOSPEC-HER206 Datasheet
58Kb / 2P
   High Surge Capacity
logo
Shanghai Shunye Electro...
MBR2070CT SHUNYE-MBR2070CT Datasheet
259Kb / 2P
   High surge capacity
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com