Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB1A-T-P-12V Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # CB1A-T-P-12V
Description  MINI-ISO AUTOMOTIVE RELAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

CB1A-T-P-12V Datasheet(HTML) 7 Page - Panasonic Semiconductor

  CB1A-T-P-12V Datasheet HTML 1Page - Panasonic Semiconductor CB1A-T-P-12V Datasheet HTML 2Page - Panasonic Semiconductor CB1A-T-P-12V Datasheet HTML 3Page - Panasonic Semiconductor CB1A-T-P-12V Datasheet HTML 4Page - Panasonic Semiconductor CB1A-T-P-12V Datasheet HTML 5Page - Panasonic Semiconductor CB1A-T-P-12V Datasheet HTML 6Page - Panasonic Semiconductor CB1A-T-P-12V Datasheet HTML 7Page - Panasonic Semiconductor CB1A-T-P-12V Datasheet HTML 8Page - Panasonic Semiconductor CB1A-T-P-12V Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
CB
ASCTB220E 201208-T
3. Bracket type
External dimensions
16.0
6.0
25.0
16.0
4.0
±0.1
1.7
5.4
±0.1 dia.
22.0
11.0
5
×6.3
26.0
4.0
8
17.9
0.8
8.4
2.6
8.4
16.8
.315
.705
.031
.331
.102
.331
.661
.630
.236
.984
.630
.067
.866
.433
5
×.248
1.024
.157
.157
±.004
.213
±.004
Dimension:
General tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
Schematic (Bottom view)
86
30
85
87
86
30
85
87
87a
1 Form A
1 Form C
Including resistor type also available
Including resistor type also available
CAD Data
4. High contact capacity type (1 Form A) (Plug-in type)
External dimensions
2
×6.3±0.08
2
×.248±.003
4
×1.7 dia. hole
4
×.067 dia. hole
2
×9.5±0.08
2
×.374±.003
87
30
85
86
16.8
8.4
2.6
0.8
1.2
8.4
17.9
22.0
26.5
11.0
15.0
25.5
4.0
5.8
.661
.331
.102
.031
.047
.705
.866
1.043
.433
.591
1.004
.157
.228
.331
Dimension:
General tolerance
Max. 1mm .039 inch:
±0.1 ±.004
1 to 3mm .039 to .118 inch:
±0.2 ±.008
Min. 3mm .118 inch:
±0.3 ±.012
Schematic (Bottom view)
86
30
85
87
Including resistor type also available
CAD Data


Similar Part No. - CB1A-T-P-12V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CB1A-T-P-12V PANASONIC-CB1A-T-P-12V Datasheet
138Kb / 8P
   MINI-ISO AUTOMOTIVE RELAY Agricultural equipment, Conveyor, etc.
More results

Similar Description - CB1A-T-P-12V

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G8JR OMRON-G8JR Datasheet
275Kb / 4P
   Power Mini ISO Automotive Relay
logo
American Zettler, Inc.
AZ973 AZETTLER-AZ973 Datasheet
166Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ979 AZETTLER-AZ979 Datasheet
148Kb / 3P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ980 AZETTLER-AZ980 Datasheet
108Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9741 AZETTLER-AZ9741 Datasheet
145Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ974 AZETTLER-AZ974 Datasheet
128Kb / 2P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9731 AZETTLER-AZ9731 Datasheet
205Kb / 4P
   40 AMP MINI-ISO AUTOMOTIVE RELAY
AZ983 AZETTLER-AZ983 Datasheet
88Kb / 2P
   80 AMP MINI-ISO AUTOMOTIVE RELAY
AZ9831 AZETTLER-AZ9831 Datasheet
81Kb / 2P
   70 AMP MINI-ISO AUTOMOTIVE RELAY
logo
Picker Components
SC792 PICKER-SC792_17 Datasheet
885Kb / 2P
   4 / 5 Pin Mini ISO Automotive Relay Socket
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com