Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETED2D471JJ Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # EETED2D471JJ
Description  Aluminum Electrolytic Capacitors/ ED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETED2D471JJ Datasheet(HTML) 5 Page - Panasonic Semiconductor

  EETED2D471JJ Datasheet HTML 1Page - Panasonic Semiconductor EETED2D471JJ Datasheet HTML 2Page - Panasonic Semiconductor EETED2D471JJ Datasheet HTML 3Page - Panasonic Semiconductor EETED2D471JJ Datasheet HTML 4Page - Panasonic Semiconductor EETED2D471JJ Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Aluminum Electrolytic Capacitors/ ED
— EE131 —
Design, and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase
and / or use. Should a safety concern arise regarding this product,please be sure to contact us immediately.
Mar.2006
n
Standard Products
Endurance : 105
°C 3000h
Terminal Pitch : 10mm
When capacitors of
φ35×45L and φ35×50L are mounted on PWB, reinforce them with mounting clamp or
adhesives.(Avoid using adhesives including halogenated compositions.)
(mm)
(pcs)
(V)
(A)
(mm)
(µF)
Min.PackagingQ'ty
Specification
Dia.
Length
Case size
Cap.
(±20%)
W.V.
Ripple
current
(50kHz)
(+105
°C)
82
22
30
1.14
0.15
EETED2W820HJ
200
25
25
1.14
0.15
EETED2W820JJ
200
100
22
35
1.30
0.15
EETED2W101HJ
200
25
30
1.30
0.15
EETED2W101JJ
200
120
22
40
1.46
0.15
EETED2W121HJ
200
25
35
1.46
0.15
EETED2W121JJ
200
30
25
1.46
0.15
EETED2W121KJ
200
150
22
45
1.53
0.15
EETED2W151HJ
200
25
40
1.53
0.15
EETED2W151JJ
200
30
30
1.53
0.15
EETED2W151KJ
200
450
35
25
1.53
0.15
EETED2W151LJ
200
180
22
50
1.60
0.15
EETED2W181HJ
200
25
40
1.60
0.15
EETED2W181JJ
200
30
30
1.60
0.15
EETED2W181KJ
200
35
25
1.60
0.15
EETED2W181LJ
200
220
25
45
2.03
0.15
EETED2W221JJ
200
30
35
2.03
0.15
EETED2W221KJ
100
35
30
2.03
0.15
EETED2W221LJ
200
270
30
40
2.45
0.15
EETED2W271KJ
100
35
35
2.45
0.15
EETED2W271LJ
100
330
30
50
2.64
0.15
EETED2W331KJ
100
35
40
2.64
0.15
EETED2W331LJ
100
390
35
40
2.82
0.15
EETED2W391LJ
100
470
35
50
3.53
0.15
EETED2W471LJ
100
tan
δ
(120Hz)
(+20
°C)
Part No.
PET sleeve
Terminal Length
4.0mm
(Without P.V.C.plate)


Similar Part No. - EETED2D471JJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETED2D471JJ PANASONIC-EETED2D471JJ Datasheet
215Kb / 4P
   Snap-in Type
More results

Similar Description - EETED2D471JJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-ED2D220 PANASONIC-EEU-ED2D220 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEU-ED2G220 PANASONIC-EEU-ED2G220 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEU-ED2E470 PANASONIC-EEU-ED2E470 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEU-ED2G470 PANASONIC-EEU-ED2G470 Datasheet
158Kb / 3P
   Aluminum Electrolytic Capacitors ED
EEU-ED2C221 PANASONIC-EEU-ED2C221 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
EEUED2D220 PANASONIC-EEUED2D220 Datasheet
164Kb / 3P
   Aluminum Electrolytic Capacitors/ ED
logo
Panasonic Battery Group
EEUED2C220 PANASONICBATTERY-EEUED2C220 Datasheet
56Kb / 3P
   Aluminum Electrolytic Capacitors/ ED Radial Lead Type
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com