Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP2-P-L12V Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # SP2-P-L12V
Description  2c 15A, 4c 10A polarized power relays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

SP2-P-L12V Datasheet(HTML) 4 Page - Panasonic Semiconductor

  SP2-P-L12V Datasheet HTML 1Page - Panasonic Semiconductor SP2-P-L12V Datasheet HTML 2Page - Panasonic Semiconductor SP2-P-L12V Datasheet HTML 3Page - Panasonic Semiconductor SP2-P-L12V Datasheet HTML 4Page - Panasonic Semiconductor SP2-P-L12V Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
SP
ASCTB208E 201202-T
DIMENSIONS (mm inch)
Tested sample: SP4-DC24V
Ambient temperature: 27 to 29
°C 81 to 84°F
Electrical life
(SP2, 15 A 250 V AC resistive load)
Coil applied voltage,%V
0
10
20
30
40
50
19.2 21.6
26.4 28.8 31.2 33.6 36.0
24.0
10 A
5 A
0 A
12
3
4
567
89
10
0
5
10
15
No. of operations,
×104
Drop-out voltage
Pick-up voltage
x
x
Max.
Max.
Min.
Min.
12
3
4
567
89
10
0
5
10
15
N.C.
N.O.
No. of operations,
×104
x
x
Max.
Max.
Min.
Min.
Electrical life
(SP4, 10 A 250 V AC resistive load)
12
3
4
567
89
10
0
5
10
15
No. of operations,
×104
Drop-out voltage
Pick-up voltage
x
x
Max.
Max.
Min.
Min.
12
3
4
567
89
10
0
No. of operations,
×104
x
Max.
Min.
10
20
30
40
50
N.C.
N.O.
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
2 Form C
Plug-in terminal
External dimensions
General tolerance:
±0.3 ±.012
PC board type
External dimensions
General tolerance:
±0.3 ±.012
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
50
1
25.6
20.5
7.15
1.5
10
10.16
.400
4.75
10.16
.400
10.16
.400
10.16
.400
15.24
0.5
FASTON #187
1.969
.039
1.008
.807
.281
.059
.394
.187
.600
.020
20.5
.807
5.5
.217
.059
1.5
10.16
2
.079
0.5
.020
10.16 10.16 10.16
.400
.400
.400
.400
15.24
.600
15.24
.600
10.16 10.16 10.16 10.16
.400
.400
.400
.400
10-.098 dia.
10-2.5 dia.
Schematic (Bottom view)
Single side stable
(Deenergized condition)
2 coil latching
(Reset condition)
1
289
10
567
1
SET
RST
2
3
4
89
10
567
Diagram shows the “reset” position when terminals 3 and 4 are energized. Energize terminals 1 and 2 to transfer contacts.
CAD Data
CAD Data


Similar Part No. - SP2-P-L12V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
SP2-P-DC24V PANASONIC-SP2-P-DC24V Datasheet
111Kb / 6P
   2c 15A, 4c 10A polarized power relays
More results

Similar Description - SP2-P-L12V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
SP4-SF PANASONIC-SP4-SF Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Battery Group
SP PANASONICBATTERY-SP Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Semiconductor
SP2-PS PANASONIC-SP2-PS Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
SP2-P-DC24V PANASONIC-SP2-P-DC24V Datasheet
111Kb / 6P
   2c 15A, 4c 10A polarized power relays
logo
Nais(Matsushita Electri...
SP-RELAYS NAIS-SP-RELAYS Datasheet
198Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
SP2-DC3V NAIS-SP2-DC3V Datasheet
193Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
logo
Panasonic Semiconductor
NC2-PS PANASONIC-NC2-PS Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
NC2EBD-JP-DC5V PANASONIC-NC2EBD-JP-DC5V Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
logo
Panasonic Battery Group
NC PANASONICBATTERY-NC Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
logo
Omron Electronics LLC
G5CA-1A-E-DC12 OMRON-G5CA-1A-E-DC12 Datasheet
976Kb / 4P
   Flat Relays that Switch 10A/15A Loads Power
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com