Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QT1553-22 Datasheet(PDF) 18 Page - Pulse A Technitrol Company

Part # QT1553-22
Description  Miltary-Aerospace Division MIL-STD-1553 Interface Transformers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

QT1553-22 Datasheet(HTML) 18 Page - Pulse A Technitrol Company

Back Button QT1553-22 Datasheet HTML 14Page - Pulse A Technitrol Company QT1553-22 Datasheet HTML 15Page - Pulse A Technitrol Company QT1553-22 Datasheet HTML 16Page - Pulse A Technitrol Company QT1553-22 Datasheet HTML 17Page - Pulse A Technitrol Company QT1553-22 Datasheet HTML 18Page - Pulse A Technitrol Company QT1553-22 Datasheet HTML 19Page - Pulse A Technitrol Company QT1553-22 Datasheet HTML 20Page - Pulse A Technitrol Company QT1553-22 Datasheet HTML 21Page - Pulse A Technitrol Company QT1553-22 Datasheet HTML 22Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 32181071 •• China 86 755 33966678 •• Taiwan 886 3 4643715
www.pulseeng.com
16
MC118 (1/08)
Notes:
1. All dimensions: in inches.
2. Tolerances: .xx = +.008
3. All specifications and
dimensions are subject
to change without notice
.
Part Number
1
Termimals
Ratio (±3%)
RDC (
Ω MAX)
Impedance (
Ω MIN)
(XXXX)1553-1
1-3 : 4-8 (11-13 : 14-18)
1CT:1CT
1-3 (11-13) = 3.5
(1-3 & 11-13)
1-3 : 5-7 (11-13 : 15-17)
1CT:.707CT
4-8 (14-18) = 3.0
4,000
(XXXX)1553-2
1-3 : 4-8 (11-13 : 14-18)
1.4CT:1CT
1-3 (11-13) = 3.0
(1-3 & 11-13)
1-3 : 5-7 (11-13 : 15-17)
2CT:1CT
4-8 (14-18) = 3.0
7,200
(XXXX)1553-3
1-3 : 4-8 (11-13 : 14-18)
1.25CT:1CT
1-3 (11-13) = 3.2
(1-3 & 11-13)
1-3 : 5-7 (11-13 : 15-17)
1.66CT:1CT
4-8 (14-18) = 3.0
4,000
(XXXX)1553-5
2
1-3 : 4-8 (11-13 : 14-18)
1CT:2.12CT
1-3 (11-13) = 1.0
(4-8 & 14-18)
1-3 : 5-7 (11-13 : 15-17)
1CT:1.5CT
4-8 (14-18) = 3.5
4,000
(XXXX)1553-45
2
1-3 : 4-8 (11-13 : 14-18)
1CT:2.5CT
1-3 (11-13) = 1.0
(4-8 & 14-18)
1-3 : 5-7 (11-13 : 15-17)
1CT:1.79CT
4-8 (14-18) = 3.5
4,000
Characteristics
NOTE: 1. Refer to prefix table (above) to select temperature range. 2. Designed for transceivers utilizing a single supply voltage (+5V).
Dual ratio, dual interface (see schematic)
Through-the-board package
For use in MIL-STD-1553 applications
Vertically stacked for minimum XY area
Performance to MIL-PRF-21038 requirements
Built in ISO 9001 facility
Applicable specifications:
MIL-STD-1553B
MIL-STD-202
MIL-PRF-21038
ISO 9001
Impedance
(see table below)
Droop
≤ 20%
Overshoot
±1V MAX
Common Mode Rejection (CMR)
≥ 45dB
Frequency Range (no load)
75kHz to 1MHz
Operating Temperature Range
(see table above)
Weight
≤ 5 grams
Insualtion Resistance (MIN)
10K M
Ω @ 250Vdc
Dielectric Withstanding Voltage
100Vrms
Summary Performance Specifications
These non-QPL interface transformers are built and tested in ISO 9001
approved facilities. They conform to all electrical and physical parameters
of MIL-PRF-21038/27. Choose one of three operating temperature ranges
including 0° to +70°C, -40° to +85°C, or -55° to +125°C.
8
4
(13)
(11)
(12)
6
7
5
3
1
2
(18)
(17)
(16)
(15)
(14)
Schematic
MIL-STD-1553 TRANSFORMERS
Stacked Dual THT non-QPL Interface
Transformers
0° to 70°C
STQC
-40° to +85°C
STQN
-55° to +125°C
STQ
Operating Temp.
Prefix
.630 MAX
16,00
.630
16,00
MAX
2
13
.100
2,54
13 12 11
14
15
16
17
18
4
5
6
7
8
.500
12,70
.500
12,70
.020 ± .002
0,51 ± 0,05
Ø
.375
9,53
MIN
.340
8,64 MAX
Mechanical


Similar Part No. - QT1553-22

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
QT1553-22 PULSE-QT1553-22 Datasheet
457Kb / 3P
   MIL-STD-1553 Transformers
More results

Similar Description - QT1553-22

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
M21038-27-31T PULSE-M21038-27-31T Datasheet
1Mb / 26P
   MIL-STD-1553 TRANSFORMERS QPL Interface Transformers Overview
H1553-1 PULSE-H1553-1 Datasheet
483Kb / 2P
   MIL-STD-1553 Transformers
Q1553-70 PULSE-Q1553-70 Datasheet
534Kb / 3P
   MIL-STD-1553 Transformers
QC1553-1 PULSE-QC1553-1 Datasheet
452Kb / 3P
   MIL-STD-1553 Transformers
QC1553-20 PULSE-QC1553-20 Datasheet
457Kb / 3P
   MIL-STD-1553 Transformers
MIL-STD-1553 PULSE-MIL-STD-1553 Datasheet
512Kb / 2P
   MIL-STD-1553 Transformers
M21038-27-26 PULSE-M21038-27-26 Datasheet
1Mb / 26P
   MIL-STD-1553 TRANSFORMERS QPL Interface Transformers Overview
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
   MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
logo
Keysight Technologies
N5469A KEYSIGHT-N5469A Datasheet
937Kb / 14P
   MIL-STD 1553 Triggering
logo
List of Unclassifed Man...
BUS-8553 ETC1-BUS-8553 Datasheet
289Kb / 4P
   MIL-STD-1553 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com