Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E4005 Datasheet(PDF) 9 Page - Pulse A Technitrol Company

Part # E4005
Description  LAN ISOLATION TRANSFORMER CATALOG
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

E4005 Datasheet(HTML) 9 Page - Pulse A Technitrol Company

Back Button E4005 Datasheet HTML 3Page - Pulse A Technitrol Company E4005 Datasheet HTML 4Page - Pulse A Technitrol Company E4005 Datasheet HTML 5Page - Pulse A Technitrol Company E4005 Datasheet HTML 6Page - Pulse A Technitrol Company E4005 Datasheet HTML 7Page - Pulse A Technitrol Company E4005 Datasheet HTML 8Page - Pulse A Technitrol Company E4005 Datasheet HTML 9Page - Pulse A Technitrol Company E4005 Datasheet HTML 10Page - Pulse A Technitrol Company E4005 Datasheet HTML 11Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
EC100.H (2/05)
Part Number*
DATE CODE
CNTRY OF ORIGIN
.370
9,40
.285 MAX
7,24
.200
5,08
.004/0,10
16 Surfaces
.015
0,38
.350
8,89
.075
1,91
.040
1,02
.018
0,46 TYP
16X
.050
1,27 TYP
14X
0°-8°
.500 MAX
12,70
SUGGESTED PAD LAYOUT
.420
10,67
.270
6,86
.025
0,64
.075
1,91
.350
8,89
.050
1,27
.265
6,73
.350
8,89
.360
9,14
.050
TYP
1,27
23ZXXXSM
DATE CODE CTRY ORIGIN
.450
11,43
.215
5,46
.004/0,10
16 Surfaces
16X
.005
to
.010
0,13
0,25
.018
TYP
0,46
0°–8°
.020
0,51
± 0,10
.350
8,89
.050
1,27
.070
1,78
.400
10,16
.260
6,60
.030
0,76
SUGGESTED PAD LAYOUT
Surface Mount Mechanicals (continued)
SMT4
SMT5
Weight . . . . . . . . . . . .0.82 grams
Tube . . . . . . . . . . . . . . . . .40/tube
Tape & Reel . . . . . . . . . .900/reel
Weight . . . . . . . . . . . .0.85 grams
Tube . . . . . . . . . . . . . . . . .50/tube
Tape & Reel . . . . . . . . . .750/reel
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
*PE-6XXXX, EXXX, EX2XXX
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .005
0,13
ISOLATION TRANSFORMERS
US 858 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Taiwan 886 2 2698 0228 •• Hong Kong 852 2788 6588 •• http://www.pulseeng.com


Similar Part No. - E4005

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
E4005 PULSE-E4005 Datasheet
261Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
More results

Similar Description - E4005

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
23Z467SM-T PULSE-23Z467SM-T Datasheet
740Kb / 10P
   LAN ISOLATION TRANSFORMER CATALOG
PE-65728NL PULSE-PE-65728NL Datasheet
740Kb / 10P
   LAN ISOLATION TRANSFORMER CATALOG
PE-68023NL PULSE-PE-68023NL Datasheet
740Kb / 10P
   LAN ISOLATION TRANSFORMER CATALOG
PE-68052 PULSE-PE-68052 Datasheet
740Kb / 10P
   LAN ISOLATION TRANSFORMER CATALOG
23Z356SMQNL PULSE-23Z356SMQNL Datasheet
750Kb / 10P
   LAN ISOLATION TRANSFORMER CATALOG
PE-64503NL PULSE-PE-64503NL Datasheet
459Kb / 10P
   LAN ISOLATION TRANSFORMER CATALOG
logo
Filtran LTD
8497 FILTRAN-8497 Datasheet
156Kb / 1P
   LAN Isolation Transformer
logo
PCA ELECTRONICS INC.
EPA1216G PCA-EPA1216G Datasheet
40Kb / 1P
   Isolation Transformer for Lan-Ethernet Applications
logo
Wurth Elektronik GmbH &...
7490100110A WURTH-7490100110A Datasheet
260Kb / 3P
   LAN-Transformer WE-LAN
7490100111A WURTH-7490100111A Datasheet
503Kb / 4P
   LAN-Transformer WE-LAN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com