Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2450-SM Datasheet(PDF) 3 Page - TriQuint Semiconductor

Part # TGA2450-SM
Description  2100 MHz, 2.5 W, Small Cell PA Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2450-SM Datasheet(HTML) 3 Page - TriQuint Semiconductor

  TGA2450-SM Datasheet HTML 1Page - TriQuint Semiconductor TGA2450-SM Datasheet HTML 2Page - TriQuint Semiconductor TGA2450-SM Datasheet HTML 3Page - TriQuint Semiconductor TGA2450-SM Datasheet HTML 4Page - TriQuint Semiconductor TGA2450-SM Datasheet HTML 5Page - TriQuint Semiconductor TGA2450-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA2450-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA2450-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA2450-SM Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TGA2450-SM
2100 MHz, 2.5 W, Small Cell PA Module
Datasheet: Rev B 08-14-13
-
3 of 9 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Electrical Specifications at TCASE = −40°C to +90°C
Test conditions unless otherwise noted: VCC1 = 5 V, VCC2 = 18 V, VCC3 = 18 V, VCC4 = 18 V, ICQ1 = 60 mA, ICQ2 = 25 mA, ICQ3 = 90 mA,
POUT = 34 dBm, System impedance = 50 Ω
Parameter
Conditions
Min
Typ
Max
Units
Power Gain
POUT = 34 dBm average
29.9
38.6
dB
ICQ1
VCC1 = 5 V
29
60
86
mA
ICQ2+ICQ3
VCC2 = VCC3 = 18 V
84
115
146
mA
ICC1
VCC1 = 5 V, Pout = 34 dBm average
95
mA
Gain flatness across any
40 MHz in-band
POUT = 34 dBm average
1
2
dB
P3dB
Pulsed, 10 µsec width, 1 msec period
41
dBm
Power Added Efficiency
POUT = 34 dBm average
30
%
Input Return Loss
POUT = 34 dBm average
13
11
dB
Second Harmonic
POUT = 34 dBm at f0 with WCDMA,
3.84 MHz IBW
−43
dBc
Third Harmonic
POUT = 34 dBm at f0 with WCDMA,
3.84 MHz IBW
−37
dBc
Group delay
5
nS
Group delay ripple
750
pS
|S12|-|S21|
15
dB
Thermal Resistance, θjc
(1)
(junction to case), TCASE = 90°C
14.8
°C/W
Notes:
1. Measured carrier amplifier junction to package backside.


Similar Part No. - TGA2450-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2214 TRIQUINT-TGA2214 Datasheet
471Kb / 13P
   2 to 18 GHz 5W GaN Power Amplifier
TGA2214 TRIQUINT-TGA2214_15 Datasheet
471Kb / 13P
   2 to 18 GHz 5W GaN Power Amplifier
TGA2216-SM TRIQUINT-TGA2216-SM Datasheet
831Kb / 18P
   0.1 3.0GHz 10W GaN Power Amplifier
TGA2216-SM TRIQUINT-TGA2216-SM_15 Datasheet
831Kb / 18P
   0.1 3.0GHz 10W GaN Power Amplifier
logo
Qorvo, Inc
TGA2218-SM QORVO-TGA2218-SM Datasheet
748Kb / 15P
   13.4??6.5 GHz 12 W GaN Power Amplifier
More results

Similar Description - TGA2450-SM

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA9421 QORVO-QPA9421 Datasheet
1Mb / 10P
   High Linearity 0.5 W Small Cell PA
QPA9426 QORVO-QPA9426 Datasheet
539Kb / 8P
   High Linearity 쩍 W Small Cell PA
August 7, 2017
logo
TriQuint Semiconductor
TQP9321 TRIQUINT-TQP9321_15 Datasheet
454Kb / 7P
   High Efficiency 0.5 W Small Cell PA
TQP9221 TRIQUINT-TQP9221 Datasheet
429Kb / 10P
   High Linearity 0.25 W Small Cell PA
logo
Qorvo, Inc
QPA9418 QORVO-QPA9418 Datasheet
946Kb / 10P
   High Linearity 0.5 W Small Cell PA
QPA9424 QORVO-QPA9424 Datasheet
1Mb / 10P
   High Linearity 0.5 W Small Cell PA
TQP9418 QORVO-TQP9418 Datasheet
500Kb / 8P
   High Linearity 0.5 W Small Cell PA
logo
Skyworks Solutions Inc.
AWB7229 SKYWORKS-AWB7229 Datasheet
828Kb / 10P
   925 - 960 MHz Small-Cell Power Amplifier Module
logo
ANADIGICS, Inc
AWB7225 ANADIGICS-AWB7225 Datasheet
632Kb / 9P
   860 - 894 MHz Small-Cell Power Amplifier Module
AWB7224 ANADIGICS-AWB7224 Datasheet
777Kb / 9P
   728 - 768 MHz Small-Cell Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com