Electronic Components Datasheet Search |
|
RC0603FR-079M76 Datasheet(PDF) 2 Page - YAGEO Corporation |
|
RC0603FR-079M76 Datasheet(HTML) 2 Page - YAGEO Corporation |
2 / 9 page Chip Resistor Surface Mount www.yageo.com Apr 24, 2009 V.4 Product specification 2 9 SERIES RC 0603 (RoHS Compliant) Y YA AG GE EO O B BR RA AN ND D oorrddeerriinngg ccooddee GLOBAL PART NUMBER (PREFERRED) RC0603 X R - XX XXXX L (1) (2) (3) (4) (5) (6) (1) TOLERANCE F = ±1% J = ±5% (for Jumper ordering, use code of J) (2) PACKAGING TYPE R = Paper / PE taping reel (3) TEMPERATURE COEFFICIENT OF RESISTANCE – = Base on spec (4) TAPING REEL 07 = 7 inch dia. Reel 10 = 10 inch dia. Reel 13 = 13 inch dia. Reel (5) RESISTANCE VALUE There are 2~4 digits indicated the resistor value. Letter R/K/M is decimal point, no need to mention the last zero after R/K/M, e.g.1K2, not 1K20. Detailed resistance rules show in table of “Resistance rule of global part number”. (6) OPTIONAL CODE L = optional symbol (Note) ORDERING INFORMATION - GLOBAL PART NUMBER & 12NC Both part numbers are identified by the series, size, tolerance, packing type, temperature coefficient, taping reel and resistance value. SCOPE This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process. APPLICATIONS All general purpose application FEATURES RoHS compliant - Products with lead free terminations meet RoHS requirements - Pb-glass contained in electrodes, resistor element and glass are exempted by RoHS Reducing environmentally hazardous wastes High component and equipment reliability Saving of PCB space None forbidden-materials used in products/production Halogen Free Epoxy ORDERING EXAMPLE The ordering code of a RC0603 chip resistor, value 56 X with ±1% tolerance, supplied in 7-inch tape reel is: RC0603FR-0756R(L). NOTE 1. All our RSMD products meet RoHS compliant. "LFP" of the internal 2D reel label mentions "Lead Free Process" 2. On customized label, "LFP" or specific symbol printed and the optional "L" at the end of GLOBAL PART NUMBER / 12NC can be added (both are on customer request) Resistance rule of global part number Resistance code rule Example 0R 0R = Jumper XRXX (1 to 9.76 Ω) 1R = 1 Ω 1R5 = 1.5 Ω 9R76 = 9.76 Ω XXRX (10 to 97.6 Ω) 10R = 10 Ω 97R6 = 97.6 Ω XXXR (100 to 976 Ω) 100R = 100 Ω XKXX (1 to 9.76 KΩ) 1K = 1,000 Ω 9K76 = 9760 Ω XMXX (1 to 9.76 MΩ) 1M = 1,000,000 Ω 9M76= 9,760,000 Ω |
Similar Part No. - RC0603FR-079M76 |
|
Similar Description - RC0603FR-079M76 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |