Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-315H Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-315H
Description  10 mm and 13 mm Slim Font Seven Segment Displays
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-315H Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-315H_11 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-315H_11 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-315H_11 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-315H_11 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-315H_11 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-315H_11 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-315H_11 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-315H_11 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-315H_11 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
16
0
2
4
6
8
10
12
14
20
100
90
80
70
60
50
40
30
TA – AMBIENT TEMPERATURE – °C
120
110
20
18
R
θJ-A= 770°C/W
1.0
2.5
50.0
2.0
0.1
VF – FORWARD VOLTAGE - V
1.5
2.0
20.0
10.0
1.0
0.5
0.5
0
5.0
0.5
20
20
2
0.1
IF – FORWARD CURRENT PER SEGMENT – mA
1
2
5
10
10
5
1
0.5
0.2
0.2
0.1
AlGaAs Low Current
Figure1.MaximumallowableaverageorDCcurrentvs.ambienttemperature.
Figure 2. Forward current vs. forward voltage.
Figure 3. Relative luminous intensity vs DC forward current.


Similar Part No. - HDSP-315H_11

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-315H-EE000 HP-HDSP-315H-EE000 Datasheet
87Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-315H-EF000 HP-HDSP-315H-EF000 Datasheet
87Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-315H-EG000 HP-HDSP-315H-EG000 Datasheet
87Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-315H-EH000 HP-HDSP-315H-EH000 Datasheet
87Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-315H-EI000 HP-HDSP-315H-EI000 Datasheet
87Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
More results

Similar Description - HDSP-315H_11

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-301E AVAGO-HDSP-301E_07 Datasheet
176Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-315X HP-HDSP-315X Datasheet
85Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301X HP-HDSP-301X Datasheet
101Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301 HP-HDSP-301 Datasheet
88Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-315 HP-HDSP-315 Datasheet
87Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315X AVAGO-HDSP-315X Datasheet
175Kb / 8P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-56XC AVAGO-HDSP-56XC Datasheet
321Kb / 6P
   13 mm Slim Font Seven Segment Displays
HDSP-301X AVAGO-HDSP-301X Datasheet
37Kb / 1P
   10 mm Slim Font Seven Segment Displays
HDSP-431G AVAGO-HDSP-431G Datasheet
356Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-431G HP-HDSP-431G Datasheet
87Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com