Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-563G Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-563G
Description  10 mm and 13 mm Slim Font Seven Segment Displays
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-563G Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-563G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-563G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-563G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-563G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-563G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-563G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-563G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-563G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-563G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
AbsoluteMaximumRatings
Description
HER
Green
Yellow
AlGaAs
Units
AveragePowerperSegmentorDP
105
105
105
37
mW
PeakForwardCurrentperSegmentorDP
90
90
90
45
mA
DCForwardCurrentperSegmentorDP
30
30
30
15
mA
OperatingTemperatureRange
–40to+80
–40to+80
–40to+80
–20to+80
˚C
StorageTemperatureRange
–40to+80
–40to+80
–40to+80
–40to+80
˚C
ReverseVoltageperSegmentorDP
5
5
5
5
V
WavesolderingTemperaturefor3Seconds
250
250
250
250
˚C
1.59mmbelowbody
Notes:
1. Derateabove33˚Cat0.34mA/˚CforHER.
2. Derateabove27˚Cat0.32mA/˚CforGreen.
3. Derateabove30˚Cat0.33mA/˚CforYellow.
4. Derateabove60˚Cat0.25mA/˚CforAlGaAs.
HER
Device
Series
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
TestConditions
561/563E
LuminousIntensity/Segment
IV
1.100
1.800
mcd
IF=10mA
(DigitAverage)
ForwardVoltage/Segment
VF
1.90
2.50
V
IF=20mA
orDP
PeakWavelength
λPEAK
635
nm
IF=20mA
DominantWavelength
λd
625
nm
IF=20mA
ReverseCurrent
IR
100
µA
VR=5V
ThermalResistanceLED
R
θJ–PIN
351.5
˚C/W/Seg.
Junction-to-Pin
Electrical/OpticalCharacteristicsatTA=25˚C
HER
Device
Series
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
TestConditions
301/303E
LuminousIntensity/Segment
IV
1.100
1.800
mcd
IF=10mA
(DigitAverage)
ForwardVoltage/Segment
VF
1.90
2.50
V
IF=20mA
orDP
PeakWavelength
λPEAK
635
nm
IF=20mA
DominantWavelength
λd
625
nm
IF=20mA
ReverseCurrent
IR
100
µA
VR=5V
ThermalResistanceLED
R
θJ–PIN
351.5
˚C/W/Seg.
Junction-to-Pin


Similar Part No. - HDSP-563G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-563G HP-HDSP-563G Datasheet
101Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-563G-00000 HP-HDSP-563G-00000 Datasheet
88Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-563G-00200 HP-HDSP-563G-00200 Datasheet
88Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-563G-00300 HP-HDSP-563G-00300 Datasheet
88Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-563G-0K000 HP-HDSP-563G-0K000 Datasheet
88Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
More results

Similar Description - HDSP-563G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-315X HP-HDSP-315X Datasheet
85Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301X HP-HDSP-301X Datasheet
101Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301 HP-HDSP-301 Datasheet
88Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315H AVAGO-HDSP-315H_11 Datasheet
315Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-315 HP-HDSP-315 Datasheet
87Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315X AVAGO-HDSP-315X Datasheet
175Kb / 8P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-56XC AVAGO-HDSP-56XC Datasheet
321Kb / 6P
   13 mm Slim Font Seven Segment Displays
HDSP-301X AVAGO-HDSP-301X Datasheet
37Kb / 1P
   10 mm Slim Font Seven Segment Displays
HDSP-431G AVAGO-HDSP-431G Datasheet
356Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-431G HP-HDSP-431G Datasheet
87Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com