Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-316G Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-316G
Description  10 mm and 13 mm Slim Font Seven Segment Displays
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-316G Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-316G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-316G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-316G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-316G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-316G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-316G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-316G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-316G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-316G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HDSP-315x/316x/515x/516x Series
10 mm and 13 mm Slim Font Seven Segment Displays
Data Sheet
Features
• Excellent appearance
• Slim font design
• Mitered corners, evenly illuminated segments
• Gray face for optimum on/off contrast
• Choice of colors: DH AlGaAs red, High Efficiency Red
(HER), yellow, and green
• Low current available, AlGaAs red and HER choice of
character size: 10 mm and 13 mm
• ±50° viewing angle
• Characterized for luminous intensity
Description
The HDSP-31xx-51xx Series of displays incorporates a new
slim font character design. This slim font features narrow
width, specially mitered segments to give a fuller appear-
ance to the illuminated character. Faces of these displays
are painted a neutral gray for enhanced on/off contrast.
All devices are available in either common anode or
common cathode configuration with right hand decimal
point. Low current versions are available in either AlGaAs
red or HER.
Devices
AlGaAs
HER
HER
Yellow
Green
Red Low
Std.
Low
Std.
Std.
Current
Current
Current
Current
Current
Package
HDSP-
HDSP-
HDSP-
HDSP-
HDSP-
Description
Drawing
315H
315E
315L
315Y
315G
Common Anode,
A
10 mm Display
316H
316E
316L
316Y
316G
Common Cathode,
B
10 mm Display
515H
515E
515L
515Y
515G
Common Anode,
A
13 mm Display
516H
516E
516L
516Y
516G
Common Cathode,
B
13 mm Display


Similar Part No. - HDSP-316G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-316G HP-HDSP-316G Datasheet
87Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-316G AVAGO-HDSP-316G Datasheet
175Kb / 8P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-316G-GG200 HP-HDSP-316G-GG200 Datasheet
87Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-316G-GG300 HP-HDSP-316G-GG300 Datasheet
87Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-316G-GG400 HP-HDSP-316G-GG400 Datasheet
87Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
More results

Similar Description - HDSP-316G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-301E AVAGO-HDSP-301E_07 Datasheet
176Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-315X HP-HDSP-315X Datasheet
85Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301X HP-HDSP-301X Datasheet
101Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301 HP-HDSP-301 Datasheet
88Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-315 HP-HDSP-315 Datasheet
87Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315X AVAGO-HDSP-315X Datasheet
175Kb / 8P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-56XC AVAGO-HDSP-56XC Datasheet
321Kb / 6P
   13 mm Slim Font Seven Segment Displays
HDSP-301X AVAGO-HDSP-301X Datasheet
37Kb / 1P
   10 mm Slim Font Seven Segment Displays
HDSP-431G AVAGO-HDSP-431G Datasheet
356Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-431G HP-HDSP-431G Datasheet
87Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com