Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-316G Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-316G
Description  10 mm and 13 mm Slim Font Seven Segment Displays
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-316G Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-316G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-316G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-316G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-316G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-316G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-316G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-316G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-316G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDSP-316G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Absolute Maximum Ratings
AlGaAs
HER
Red Low
Low
Description
Current
HER
Current
Yellow
Green
Units
Average Power per
37
105
52
105
105
mW
Segment or DP
Peak Forward Current
45
90[2]
45
90[5]
90[7]
mA
per Segment or DP
DC Forward Current
15[1]
30[3]
15[4]
30[6]
30[8]
mA
per Segment or DP
Operating Temperature Range
-20 to 100
-40 to +100
°C
Storage Temperature Range
-40 to +100
°C
Reverse Voltage per
3.0
V
Segment or DP
Wavesoldering Temperature
250
°C
for 3 seconds 1.59 mm below body
Notes:
1. Derate above 91°C at 0.53 mA/°C.
2. See Figure 9 to establish pulsed conditions.
3. Derate above 53°C at 0.45 mA/°C.
4. Derate above 80°C at 0.38 mA/°C.
5. See Figure 10 to establish pulsed conditions.
6. Derate above 81°C at 0.52 mA/°C.
7. See Figure 11 to establish pulsed ocnditions.
8. Derate above 39°C at 0.37 mA/°C.
Electrical/Optical Characteristics at TA = 25°C
AlGaAs Red Low Current
Device Series
Test
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
315/316H
Luminous Intensity/Segment[1,2]
IV
180
650
µcd
IF = 1 mA
515/516H
(Digit Average)
Forward Voltage/Segment or DP
VF
1.8
2.2
V
IF = 1 mA
Peak Wavelength
λPEAK
645
nm
Dominant Wavelength[3]
λd
637
nm
Reverse Voltage/Segment or DP[4]
VR
3
15
V
IR = 100 µA
Thermal Resistance LED
R
θJ-PIN
255
°C/W/Seg
Junction-to-Pin
HER
Device Series
Test
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
315/316E
Luminous Intensity/Segment[1,2]
IV
450
2600
µcd
IF = 10 mA
515/516E
(Digit Average)
Forward Voltage/Segment or DP
VF
1.9
2.5
V
IF = 10 mA
Peak Wavelength
λPEAK
635
nm
Dominant Wavelength[3]
λd
626
nm
Reverse Voltage/Segment or DP[4]
VR
3
30
V
IR = 100 µA
Thermal Resistance LED
R
θJ-PIN
200
°C/W/Seg
Junction-to-Pin


Similar Part No. - HDSP-316G

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-316G HP-HDSP-316G Datasheet
87Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-316G AVAGO-HDSP-316G Datasheet
175Kb / 8P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-316G-GG200 HP-HDSP-316G-GG200 Datasheet
87Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-316G-GG300 HP-HDSP-316G-GG300 Datasheet
87Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-316G-GG400 HP-HDSP-316G-GG400 Datasheet
87Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
More results

Similar Description - HDSP-316G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-301E AVAGO-HDSP-301E_07 Datasheet
176Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-315X HP-HDSP-315X Datasheet
85Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301X HP-HDSP-301X Datasheet
101Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301 HP-HDSP-301 Datasheet
88Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-315 HP-HDSP-315 Datasheet
87Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315X AVAGO-HDSP-315X Datasheet
175Kb / 8P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-56XC AVAGO-HDSP-56XC Datasheet
321Kb / 6P
   13 mm Slim Font Seven Segment Displays
HDSP-301X AVAGO-HDSP-301X Datasheet
37Kb / 1P
   10 mm Slim Font Seven Segment Displays
HDSP-431G AVAGO-HDSP-431G Datasheet
356Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-431G HP-HDSP-431G Datasheet
87Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com