Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-815E Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-815E
Description  20 mm (0.8 inch) General Purpose Seven Segment Displays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-815E Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-815E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-815E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-815E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-815E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-815E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-815E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2012 Avago Technologies. All rights reserved. Obsoletes 5988-7999EN
AV02-3639EN - June 20, 2012
Contrast Enhancement
For information on contrast enhancement, please see
Application Note 1015.
Soldering/Cleaning
Cleaning agents from the ketone family (acetone, methyl
ethyl ketone, etc.) and from the chlorinated hydrocarbon
family (methylene chloride, trichloroethylene, carbon
tetrachloride, etc.) are not recommended for cleaning LED
parts. All of these various solvents attack or dissolve the
encapsulating epoxies used to form the package of plastic
LED parts.
For information on soldering LEDs please refer to Applica-
tion Note 1027.
Device Reliability
For reliability information, please see the reliability data
sheet 20 mm (0.8 inch) General Purpose Seven Segment
Display.
Intensity Bin Limits (mcd at 20 mA)
HER/Green
Bin
Name
Green
HER
Min.[1]
Max.[1]
Min.[1]
Max.[1]
N
NA
NA
5.31
7.57
P
7.57
10.78
7.57
10.78
Q
10.78
15.10
10.78
15.10
R
15.10
21.58
NA
NA
Note:
1. All categories are established for classification of products. Products
may not be available in all categories. Please contact your Avago
representative for further clarification/information.
Color Categories
Dominant Wavelength (nm)
Color
Bin
Min.
Max.
Green
1
569.00
572.00
2
572.00
575.00


Similar Part No. - HDSP-815E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-815E HP-HDSP-815E Datasheet
70Kb / 8P
   20 mm (0.8 inch) General Purpose Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-815E AVAGO-HDSP-815E Datasheet
152Kb / 8P
   20 mm (0.8 inch) General Purpose Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-815E-00000 HP-HDSP-815E-00000 Datasheet
70Kb / 8P
   20 mm (0.8 inch) General Purpose Seven Segment Displays
More results

Similar Description - HDSP-815E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-815E HP-HDSP-815E Datasheet
70Kb / 8P
   20 mm (0.8 inch) General Purpose Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-815E AVAGO-HDSP-815E Datasheet
152Kb / 8P
   20 mm (0.8 inch) General Purpose Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-340X HP-HDSP-340X Datasheet
185Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-390X AVAGO-HDSP-390X Datasheet
277Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
HDSP-3901-EF000 AVAGO-HDSP-3901-EF000 Datasheet
203Kb / 9P
   20 mm (0.8 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-3900 HP-HDSP-3900 Datasheet
122Kb / 10P
   20 mm (0.8 inch) Seven Segment Displays
HDSP-50XB HP-HDSP-50XB Datasheet
66Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-50XB AVAGO-HDSP-50XB Datasheet
195Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-52XE HP-HDSP-52XE Datasheet
172Kb / 8P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-512E AVAGO-HDSP-512E Datasheet
92Kb / 7P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com