Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-816E Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-816E
Description  20 mm (0.8 inch) General Purpose Seven Segment Displays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-816E Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-816E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-816E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-816E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-816E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-816E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-816E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Part Numbering System
Notes:
1. For codes not listed in the figure above, please refer to the respective datasheet or contact
your nearest Avago representative for details.
2. Bin options refer to shippable bins for a part number. Color and Intensity Bins are typically
restricted to 1 bin per tube (exceptions may apply). Please refer to respective datasheet for
specific bin limit information.
Mechanical Options [1]
00 : No Mechanical Option
Color Bin Options [1,2]
0 : No Color Bin Limitation
Maximum Intensity Bins [1,2]
0 : No Maximum Intensity Bin Limitation
Minimum Intensity Bins [1,2]
0 : No Minimum Intensity Bin Limitation
Device Configuration/Color [1]
E : High Efficiency Red
G : Green
Device Specific Configuration [1]
Refer to Respective Datasheet
Package [1]
Refer to Respective Datasheet
5082 – X XX X – X X X XX
HDSP – X XX X – X X X XX


Similar Part No. - HDSP-816E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-816E HP-HDSP-816E Datasheet
70Kb / 8P
   20 mm (0.8 inch) General Purpose Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-816E AVAGO-HDSP-816E Datasheet
152Kb / 8P
   20 mm (0.8 inch) General Purpose Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-816E-00000 HP-HDSP-816E-00000 Datasheet
70Kb / 8P
   20 mm (0.8 inch) General Purpose Seven Segment Displays
More results

Similar Description - HDSP-816E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-815E HP-HDSP-815E Datasheet
70Kb / 8P
   20 mm (0.8 inch) General Purpose Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-815E AVAGO-HDSP-815E Datasheet
152Kb / 8P
   20 mm (0.8 inch) General Purpose Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-340X HP-HDSP-340X Datasheet
185Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-390X AVAGO-HDSP-390X Datasheet
277Kb / 8P
   20 mm (0.8 inch) Seven Segment Displays
HDSP-3901-EF000 AVAGO-HDSP-3901-EF000 Datasheet
203Kb / 9P
   20 mm (0.8 inch) Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-3900 HP-HDSP-3900 Datasheet
122Kb / 10P
   20 mm (0.8 inch) Seven Segment Displays
HDSP-50XB HP-HDSP-50XB Datasheet
66Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-50XB AVAGO-HDSP-50XB Datasheet
195Kb / 4P
   14.2 mm (0.56 inch) General Purpose Blue Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-52XE HP-HDSP-52XE Datasheet
172Kb / 8P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-512E AVAGO-HDSP-512E Datasheet
92Kb / 7P
   14.2 mm (0.56 inch) General Purpose Two Digit Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com